Electronic Components Datasheet Search
  English  ▼

X  

S814 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S814
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S814 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S814 Datasheet HTML 1Page - Seiko Instruments Inc S814 Datasheet HTML 2Page - Seiko Instruments Inc S814 Datasheet HTML 3Page - Seiko Instruments Inc S814 Datasheet HTML 4Page - Seiko Instruments Inc S814 Datasheet HTML 5Page - Seiko Instruments Inc S814 Datasheet HTML 6Page - Seiko Instruments Inc S814 Datasheet HTML 7Page - Seiko Instruments Inc S814 Datasheet HTML 8Page - Seiko Instruments Inc S814 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_00
S-814 Series
Seiko Instruments Inc.
3
Product Name Structure
1. Product Name
S-814 x xx A xx- xxx T2 x
Environmental code
U: Lead-free (Sn 100%), halogen-free
G: Lead-free (for details, please contact our sales office)
IC direction in tape specifications
*1
Product code
*2
Package code
MC: SOT-23-5
UC: SOT-89-5
Output voltage
20 to 60
(e.g., When output voltage is 2.0 V, it is expressed as 20.)
Product type
*3
A:
OFF
/
ON
pin positive logic
B:
OFF
/
ON
pin negative logic
*1. Refer to the tape drawing.
*2. Refer to “3. Product Name List”.
*3. Refer to “3. ON/OFF pin” in “ Operation”.
2. Packages
Package Name
Drawing Code
Package
Tape
Reel
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
SOT-89-5
UP005-A-P-SD
UP005-A-C-SD
UP005-A-R-SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com