Electronic Components Datasheet Search
  English  ▼

X  

S814 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S814
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S814 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S814 Datasheet HTML 8Page - Seiko Instruments Inc S814 Datasheet HTML 9Page - Seiko Instruments Inc S814 Datasheet HTML 10Page - Seiko Instruments Inc S814 Datasheet HTML 11Page - Seiko Instruments Inc S814 Datasheet HTML 12Page - Seiko Instruments Inc S814 Datasheet HTML 13Page - Seiko Instruments Inc S814 Datasheet HTML 14Page - Seiko Instruments Inc S814 Datasheet HTML 15Page - Seiko Instruments Inc S814 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-814 Series
Rev.3.1_00
Seiko Instruments Inc.
12
Operation
1. Basic operation
Figure 12
shows the block diagram of the S-814 Series.
The error amplifier compares the reference voltage (Vref) with feedback voltage (Vfb), which is the output
voltage resistance-divided by feedback resistors (Rs and Rf). It supplies the gate voltage necessary to
maintain the constant output voltage which is not influenced by the input voltage and temperature
change, to the output transistor.
*1
VSS
Current
supply
−
+
Vfb
Vref
VIN
VOUT
Rf
Rs
Error
amplifier
Reference voltage
circuit
*1
. Parasitic diode
Figure 12
2. Output transistor
In the S-814 Series, a low on-resistance P-channel MOS FET is used as the output transistor.
Be sure that VOUT does not exceed VIN
+0.3 V to prevent the voltage regulator from being damaged due to
reverse current flowing from VOUT pin through a parasitic diode to VIN pin, when the potential of VOUT
became higher than VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com