Electronic Components Datasheet Search
  English  ▼

X  

S814 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S814
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S814 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S814 Datasheet HTML 1Page - Seiko Instruments Inc S814 Datasheet HTML 2Page - Seiko Instruments Inc S814 Datasheet HTML 3Page - Seiko Instruments Inc S814 Datasheet HTML 4Page - Seiko Instruments Inc S814 Datasheet HTML 5Page - Seiko Instruments Inc S814 Datasheet HTML 6Page - Seiko Instruments Inc S814 Datasheet HTML 7Page - Seiko Instruments Inc S814 Datasheet HTML 8Page - Seiko Instruments Inc S814 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-814 Series
Rev.3.1_00
Seiko Instruments Inc.
4
3. Product Name List
Table 1
Output voltage
SOT-23-5
SOT-89-5
2.0 V
±2.0 %
S-814A20AMC-BCKT2x
S-814A20AUC-BCKT2x
2.1 V
±2.0 %
S-814A21AMC-BCLT2x
S-814A21AUC-BCLT2x
2.2 V
±2.0 %
S-814A22AMC-BCMT2x
S-814A22AUC-BCMT2x
2.3 V
±2.0 %
S-814A23AMC-BCNT2x
S-814A23AUC-BCNT2x
2.4 V
±2.0 %
S-814A24AMC-BCOT2x
S-814A24AUC-BCOT2x
2.5 V
±2.0 %
S-814A25AMC-BCPT2x
S-814A25AUC-BCPT2x
2.6 V
±2.0 %
S-814A26AMC-BCQT2x
S-814A26AUC-BCQT2x
2.7 V
±2.0 %
S-814A27AMC-BCRT2x
S-814A27AUC-BCRT2x
2.8 V
±2.0 %
S-814A28AMC-BCST2x
S-814A28AUC-BCST2x
2.9 V
±2.0 %
S-814A29AMC-BCTT2x
S-814A29AUC-BCTT2x
3.0 V
±2.0 %
S-814A30AMC-BCUT2x
S-814A30AUC-BCUT2x
3.1 V
±2.0 %
S-814A31AMC-BCVT2x
S-814A31AUC-BCVT2x
3.2 V
±2.0 %
S-814A32AMC-BCWT2x
S-814A32AUC-BCWT2x
3.3 V
±2.0 %
S-814A33AMC-BCXT2x
S-814A33AUC-BCXT2x
3.4 V
±2.0 %
S-814A34AMC-BCYT2x
S-814A34AUC-BCYT2x
3.5 V
±2.0 %
S-814A35AMC-BCZT2x
S-814A35AUC-BCZT2x
3.6 V
±2.0 %
S-814A36AMC-BDAT2x
S-814A36AUC-BDAT2x
3.7 V
±2.0 %
S-814A37AMC-BDBT2x
S-814A37AUC-BDBT2x
3.8 V
±2.0 %
S-814A38AMC-BDCT2x
S-814A38AUC-BDCT2x
3.9 V
±2.0 %
S-814A39AMC-BDDT2x
S-814A39AUC-BDDT2x
4.0 V
±2.0 %
S-814A40AMC-BDET2x
S-814A40AUC-BDET2x
4.1 V
±2.0 %
S-814A41AMC-BDFT2x
S-814A41AUC-BDFT2x
4.2 V
±2.0 %
S-814A42AMC-BDGT2x
S-814A42AUC-BDGT2x
4.3 V
±2.0 %
S-814A43AMC-BDHT2x
S-814A43AUC-BDHT2x
4.4 V
±2.0 %
S-814A44AMC-BDIT2x
S-814A44AUC-BDIT2x
4.5 V
±2.0 %
S-814A45AMC-BDJT2x
S-814A45AUC-BDJT2x
4.6 V
±2.0 %
S-814A46AMC-BDKT2x
S-814A46AUC-BDKT2x
4.7 V
±2.0 %
S-814A47AMC-BDLT2x
S-814A47AUC-BDLT2x
4.8 V
±2.0 %
S-814A48AMC-BDMT2x
S-814A48AUC-BDMT2x
4.9 V
±2.0 %
S-814A49AMC-BDNT2x
S-814A49AUC-BDNT2x
5.0 V
±2.0 %
S-814A50AMC-BDOT2x
S-814A50AUC-BDOT2x
5.1 V
±2.0 %
S-814A51AMC-BDPT2x
S-814A51AUC-BDPT2x
5.2 V
±2.0 %
S-814A52AMC-BDQT2x
S-814A52AUC-BDQT2x
5.3 V
±2.0 %
S-814A53AMC-BDRT2x
S-814A53AUC-BDRT2x
5.4 V
±2.0 %
S-814A54AMC-BDST2x
S-814A54AUC-BDST2x
5.5 V
±2.0 %
S-814A55AMC-BDTT2x
S-814A55AUC-BDTT2x
5.6 V
±2.0 %
S-814A56AMC-BDUT2x
S-814A56AUC-BDUT2x
5.7 V
±2.0 %
S-814A57AMC-BDVT2x
S-814A57AUC-BDVT2x
5.8 V
±2.0 %
S-814A58AMC-BDWT2x
S-814A58AUC-BDWT2x
5.9 V
±2.0 %
S-814A59AMC-BDXT2x
S-814A59AUC-BDXT2x
6.0 V
±2.0 %
S-814A60AMC-BDYT2x
S-814A60AUC-BDYT2x
Remark 1. Please contact our sales office for type B products.
2. x: G or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com