Electronic Components Datasheet Search
  English  ▼

X  

S814 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S814
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S814 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S814 Datasheet HTML 7Page - Seiko Instruments Inc S814 Datasheet HTML 8Page - Seiko Instruments Inc S814 Datasheet HTML 9Page - Seiko Instruments Inc S814 Datasheet HTML 10Page - Seiko Instruments Inc S814 Datasheet HTML 11Page - Seiko Instruments Inc S814 Datasheet HTML 12Page - Seiko Instruments Inc S814 Datasheet HTML 13Page - Seiko Instruments Inc S814 Datasheet HTML 14Page - Seiko Instruments Inc S814 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_00
S-814 Series
Seiko Instruments Inc.
11
6. Dropout voltage (Vdrop)
Indicates the difference between input voltage (VIN1) and the output voltage when; decreasing input
voltage (VIN) gradually until the output voltage has dropped out to the value of 98% of the actual output
voltage (VOUT(E)).
Vdrop
= VIN1−(VOUT(E)×0.98)
7. Output voltage temperature coefficient
•
Δ
Δ
OUT
OUT
V
Ta
V
The shaded area in Figure 11 is the range where VOUT varies in the operation temperature range when
the output voltage temperature coefficient is
±100 ppm/°C.
VOUT(E)
*1
Example of S-814A28A typ. product
−40
+25
+0.28 mV/°C
VOUT
[V]
*1. VOUT(E) is the value of the output voltage measured at Ta =
+25°C.
+85
Ta [
°C]
−0.28 mV/°C
Figure 11
A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
[]
[ ]
[]
1000
C
/
ppm
V
Ta
V
V
V
C
/
mV
Ta
V
OUT
OUT
)
S
(
OUT
OUT
÷
°
•
Δ
Δ
×
=
°
Δ
Δ
3
*
2
*
*1
*1.
Change in temperature of output voltage
*2.
Set output voltage
*3.
Output voltage temperature coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com