Electronic Components Datasheet Search
  English  ▼

X  

LM3102 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3102
Description  LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3102 Datasheet(HTML) 4 Page - Texas Instruments

  LM3102 Datasheet HTML 1Page - Texas Instruments LM3102 Datasheet HTML 2Page - Texas Instruments LM3102 Datasheet HTML 3Page - Texas Instruments LM3102 Datasheet HTML 4Page - Texas Instruments LM3102 Datasheet HTML 5Page - Texas Instruments LM3102 Datasheet HTML 6Page - Texas Instruments LM3102 Datasheet HTML 7Page - Texas Instruments LM3102 Datasheet HTML 8Page - Texas Instruments LM3102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM3102, LM3102-Q1
SNVS515H – SEPTEMBER 2007 – REVISED JUNE 2015
www.ti.com
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
PIN NO.
BALL NO.
A1
17
B1
PGND
Ground
Power Ground
C1
18
D1
EP
EP
—
Ground
Exposed Pad
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN, RON to AGND
–0.3
43.5
V
SW to AGND
–0.3
43.5
V
SW to AGND (Transient)
–2 (< 100 ns)
V
VIN to SW
–0.3
43.5
V
BST to SW
–0.3
7
V
All Other Inputs to AGND
–0.3
7
V
Junction Temperature, TJ
150
°C
Storage Temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage Range (VIN)
4.5
42
V
Junction Temperature Range (TJ)
−40
125
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Recommended Operating Ratings are conditions
under which operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical
Characteristics.
6.4 Thermal Information
LM3102,
LM3102
LM3102-Q1
THERMAL METRIC(1)
UNIT
PWP (HTSSOP)
YPA (DSBGA)
20 PINS
28 PINS
RθJA
Junction-to-ambient thermal resistance
30
50
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
6.5
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM3102 LM3102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com