Electronic Components Datasheet Search
  English  ▼

X  

LM3102 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3102
Description  LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3102 Datasheet(HTML) 1 Page - Texas Instruments

  LM3102 Datasheet HTML 1Page - Texas Instruments LM3102 Datasheet HTML 2Page - Texas Instruments LM3102 Datasheet HTML 3Page - Texas Instruments LM3102 Datasheet HTML 4Page - Texas Instruments LM3102 Datasheet HTML 5Page - Texas Instruments LM3102 Datasheet HTML 6Page - Texas Instruments LM3102 Datasheet HTML 7Page - Texas Instruments LM3102 Datasheet HTML 8Page - Texas Instruments LM3102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3102, LM3102-Q1
SNVS515H – SEPTEMBER 2007 – REVISED JUNE 2015
LM3102/-Q1 SIMPLE SWITCHER® Synchronous 1-MHz, 2.5-A
Step-Down Voltage Regulator
1 Features
•
Storage Systems
•
Broadband Infrastructure
1
•
LM3102-Q1 is an Automotive-Grade Product that
is AEC-Q100 Grade 1 Qualified (–40°C to +125°C
•
Direct Conversion from 2-, 3-, and 4-Cell Lithium
Operating Junction Temperature)
Batteries Systems
•
Low Component Count and Small Solution Size
3 Description
•
Stable With Ceramic and Other Low-ESR
The
LM3102/-Q1
SIMPLE
SWTCHER®
Capacitors
Synchronously Rectified Buck Converter features all
•
No Loop Compensation Required
required functions to implement a highly efficient and
•
High Efficiency at a Light Load by DCM Operation
cost-effective buck regulator. The device can supply
2.5 A to loads with an output voltage as low as 0.8 V.
•
Prebias Start-Up
Dual N-channel synchronous MOSFET switches
•
Ultra-Fast Transient Response
allow
a
low
component
count,
thus
reducing
•
Programmable Soft-Start
complexity and minimizing board size.
•
Programmable Switching Frequency up to 1 MHz
Different from most other COT regulators, the
•
Valley Current Limit
LM3102/-Q1 does not rely on output capacitor ESR
for stability, and is designed to work exceptionally
•
Output Overvoltage Protection
well with ceramic and other very low-ESR output
•
Precision Internal Reference for an Adjustable
capacitors.
The
device
requires
no
loop
Output Voltage Down to 0.8 V
compensation,
results
in
a
fast
load
transient
•
Thermal Shutdown
response and simple circuit implementation. The
operating frequency remains nearly constant with line
•
Key Specifications
variations due to the inverse relationship between the
–
Input Voltage Range 4.5 V to 42 V
input
voltage
and
the
ON-time.
The
operating
–
2.5-A Output Current
frequency can be externally programmed up to
–
0.8 V, ±1.5% Reference
1 MHz. Protection features include VCC undervoltage
lockout
(UVLO),
output
overvoltage
protection,
–
Integrated Dual N-Channel Main and
thermal
shutdown,
and
gate
drive
UVLO.
The
Synchronous MOSFETs
LM3102/-Q1 is available in the thermally enhanced
–
Thermally Enhanced HTSSOP-20 Package
HTSSOP-20 package, and LM3102 is also available
in a DSBGA low-profile chip-scale package with
2 Applications
reduced output current.
•
5-VDC, 12-VDC, 24-VDC, 12-VAC, and 24-VAC
Device Information(1)
Systems
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Embedded Systems and Industrial Control
LM3102
DSBGA (28)
3.645 mm × 2.45 mm
•
Automotive Telematics and Body Electronics
LM3102
HTSSOP (20)
6.50 mm × 4.40 mm
•
Point of Load Regulators
LM3102-Q1
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
Efficiency vs Load Current (VOUT = 3.3 V)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3102 TI1-LM3102 Datasheet
1Mb / 24P
SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM3102 TI2-LM3102 Datasheet
972Kb / 30P
LM3102-Q1 Automotive Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
MAY 2018
LM3102 TI2-LM3102 Datasheet
1Mb / 32P
LM3102 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
REVISED JANUARY 2018
LM3102-Q1 TI2-LM3102-Q1 Datasheet
972Kb / 30P
LM3102-Q1 Automotive Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
MAY 2018
More results

Similar Description - LM3102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM22671MRE-50 TI-LM22671MRE-50 Datasheet
1Mb / 25P
LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com