Electronic Components Datasheet Search
  English  ▼

X  

LM3102 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3102
Description  LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3102 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3102 Datasheet HTML 13Page - Texas Instruments LM3102 Datasheet HTML 14Page - Texas Instruments LM3102 Datasheet HTML 15Page - Texas Instruments LM3102 Datasheet HTML 16Page - Texas Instruments LM3102 Datasheet HTML 17Page - Texas Instruments LM3102 Datasheet HTML 18Page - Texas Instruments LM3102 Datasheet HTML 19Page - Texas Instruments LM3102 Datasheet HTML 20Page - Texas Instruments LM3102 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
L =
ILR x fSW x VIN
VOUT x (VIN - VOUT)
1.3 x 10
-10
VIN(MAX) x 150 ns
RON J
LM3102, LM3102-Q1
www.ti.com
SNVS515H – SEPTEMBER 2007 – REVISED JUNE 2015
Typical Application (continued)
8.2.2.2 External Components
The following guidelines can be used to select external components.
RFB1 and RFB2: These resistors should be chosen from standard values in the range of 1.0 kΩ to 10 kΩ,
satisfying the following ratio:
RFB1/RFB2 = (VOUT/0.8 V) – 1
(7)
For VOUT = 0.8 V, the FB pin can be connected to the output directly with a pre-load resistor drawing more than
20 µA. It is because the converter operation needs a minimum inductor current ripple to maintain good regulation
when no load is connected.
RON: Equation 2 can be used to select RON if a desired operating frequency is selected. But the minimum value
of RON is determined by the minimum ON-time. It can be calculated as follows:
(8)
If RON calculated from Equation 2 is smaller than the minimum value determined in Equation 8, a lower frequency
should be selected to recalculate RON by Equation 2. Alternatively, VIN(MAX) can also be limited to keep the
frequency unchanged. The relationship of VIN(MAX) and RON is shown in Figure 25.
On the other hand, the minimum OFF-time of 260 ns can limit the maximum duty ratio. Larger RON should be
selected in any application requiring large duty ratio.
Figure 25. Maximum VIN for Selected RON
L: The main parameter affected by the inductor is the amplitude of inductor current ripple (ILR). Once ILR is
selected, L can be determined by:
where
•
VIN is the maximum input voltage
•
fSW is determined from Equation 2
(9)
If the output current IOUT is determined, by assuming that IOUT = IL, the higher and lower peak of ILR can be
determined. Beware that the higher peak of ILR should not be larger than the saturation current of the inductor
and current limits of the main and synchronous MOSFETs. Also, the lower peak of ILR must be positive if CCM
operation is required.
Figure 26 and Figure 27 show curves on inductor selection for various VOUT and RON. For small RON, according
to (8), VIN is limited. Some curves are therefore limited as shown in the figures.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3102 LM3102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com