Electronic Components Datasheet Search
  English  ▼

X  

LM3102 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3102
Description  LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3102 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3102 Datasheet HTML 7Page - Texas Instruments LM3102 Datasheet HTML 8Page - Texas Instruments LM3102 Datasheet HTML 9Page - Texas Instruments LM3102 Datasheet HTML 10Page - Texas Instruments LM3102 Datasheet HTML 11Page - Texas Instruments LM3102 Datasheet HTML 12Page - Texas Instruments LM3102 Datasheet HTML 13Page - Texas Instruments LM3102 Datasheet HTML 14Page - Texas Instruments LM3102 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LM3102, LM3102-Q1
www.ti.com
SNVS515H – SEPTEMBER 2007 – REVISED JUNE 2015
7 Detailed Description
7.1 Overview
The LM3102/-Q1 Step-Down Switching Regulator features all required functions to implement a cost-effective,
efficient buck power converter capable of supplying 2.5 A to a load. It contains Dual N-channel main and
synchronous MOSFETs. The Constant ON-Time (COT) regulation scheme requires no loop compensation,
results in fast load transient response and simple circuit implementation. The regulator can function properly
even with an all ceramic output capacitor network, and does not rely on the ESR of the output capacitor for
stability. The operating frequency remains constant with line variations due to the inverse relationship between
the input voltage and the ON-time. The valley current limit detection circuit, with the limit set internally at 2.7 A,
inhibits the main MOSFET until the inductor current level subsides.
The LM3102/-Q1 can be applied in numerous applications and can operate efficiently for inputs as high as 42 V.
Protection features include output overvoltage protection, thermal shutdown, VCC UVLO, gate drive UVLO. The
LM3102/-Q1 is available in the thermally enhanced HTSSOP-20 package.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 COT Control Circuit Overview
COT control is based on a comparator and a one-shot ON-timer, with the output voltage feedback (feeding to the
FB pin) compared with an internal reference of 0.8 V. If the voltage of the FB pin is below the reference, the main
MOSFET is turned on for a fixed ON-time determined by a programming resistor RON and the input voltage VIN,
upon which the ON-time varies inversely. Following the ON-time, the main MOSFET remains off for a minimum
of 260 ns. Then, if the voltage of the FB pin is below the reference, the main MOSFET is turned on again for
another ON-time period. The switching will continue to achieve regulation.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3102 LM3102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com