Electronic Components Datasheet Search
  English  ▼

X  

LM3102 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3102
Description  LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3102 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3102 Datasheet HTML 12Page - Texas Instruments LM3102 Datasheet HTML 13Page - Texas Instruments LM3102 Datasheet HTML 14Page - Texas Instruments LM3102 Datasheet HTML 15Page - Texas Instruments LM3102 Datasheet HTML 16Page - Texas Instruments LM3102 Datasheet HTML 17Page - Texas Instruments LM3102 Datasheet HTML 18Page - Texas Instruments LM3102 Datasheet HTML 19Page - Texas Instruments LM3102 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LM3102, LM3102-Q1
SNVS515H – SEPTEMBER 2007 – REVISED JUNE 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM3102/-Q1 is a step-down DC-to-DC controller. It is typically used to convert a higher DC voltage to a
lower DC voltage with a maximum output current of 2.5 A. The following design procedure can be used to select
components for the LM3102/-Q1. Alternately, the WEBENCH software may be used to generate complete
designs.
When generating a design, the WEBENCH® software uses iterative design procedure and accesses
comprehensive databases of components. For more details, go to www.ti.com.
8.2 Typical Application
Figure 24. Typical Application Schematic
8.2.1 Design Requirements
For this example the following application parameters exist.
•
VIN Range = 8 V to 42 V
•
VOUT = 3.3 V
•
IOUT = 2.5 A
Refer to Detailed Design Procedure for more information on operational guidelines and limits.
8.2.2 Detailed Design Procedure
8.2.2.1 Design Steps for the LM3102/-Q1 Application
The LM3102/-Q1 is fully supported by WEBENCH which offers the following: component selection, electrical
simulation, thermal simulation, as well as the build-it prototype board for a reduction in design time. The following
list of steps can be used to manually design the LM3102/-Q1 application.
1. Program VO with divider resistor selection.
2. Program turnon time with soft-start capacitor selection.
3. Select CO.
4. Select CIN.
5. Set operating frequency with RON.
6. Determine thermal dissipation.
7. Lay out PCB for required thermal performance.
16
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM3102 LM3102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com