Electronic Components Datasheet Search
  English  ▼

X  

LM3102 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM3102
Description  LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3102 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3102 Datasheet HTML 10Page - Texas Instruments LM3102 Datasheet HTML 11Page - Texas Instruments LM3102 Datasheet HTML 12Page - Texas Instruments LM3102 Datasheet HTML 13Page - Texas Instruments LM3102 Datasheet HTML 14Page - Texas Instruments LM3102 Datasheet HTML 15Page - Texas Instruments LM3102 Datasheet HTML 16Page - Texas Instruments LM3102 Datasheet HTML 17Page - Texas Instruments LM3102 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
VIN
1.3 x 10
-10
x RON
ton =
LM3102, LM3102-Q1
SNVS515H – SEPTEMBER 2007 – REVISED JUNE 2015
www.ti.com
Feature Description (continued)
An internal switch grounds the SS pin if any of the following three cases happens: (i) VCC is below the UVLO
threshold; (ii) a thermal shutdown occurs; or (iii) the EN pin is grounded. Alternatively, the output voltage can be
shut off by connecting the SS pin to ground using an external switch. Releasing the switch allows the SS pin to
ramp up and the output voltage to return to normal. The shutdown configuration is shown in Figure 21.
Figure 21. Alternate Shutdown Implementation
7.3.9 Thermal Protection
The junction temperature of the LM3102/-Q1 should not exceed the maximum limit. Thermal protection is
implemented by an internal Thermal Shutdown circuit, which activates (typically) at 165°C to make the controller
enter a low power reset state by disabling the main MOSFET, disabling the ON-timer, and grounding the SS pin.
Thermal protection helps prevent catastrophic failures from accidental device overheating. When the junction
temperature falls back below 145°C (typical hysteresis = 20°C), the SS pin is released and normal operation
resumes.
7.3.10 Thermal Derating
The LM3102/-Q1 can supply 2.5 A below an ambient temperature of 100°C. Under worst-case operation, with
either input voltage up to 42 V, operating frequency up to 1 MHz, or voltage of the RON pin below the absolute
maximum of 7 V, the LM3102/-Q1 can deliver a minimum of 1.9-A output current without thermal shutdown with
a PCB ground plane copper area of 40 cm2, 2 oz/Cu. Figure 22 shows a thermal derating curve for the minimum
output current without thermal shutdown against ambient temperature up to 125°C. Obtaining 2.5-A output
current is possible by increasing the PCB ground plane area, or reducing the input voltage or operating
frequency.
Figure 22. Thermal Derating Curve
7.4 Device Functional Modes
7.4.1 ON-Time Timer, Shutdown
The ON-time of the LM3102/-Q1 main MOSFET is determined by the resistor RON and the input voltage VIN. It is
calculated as follows:
(5)
14
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM3102 LM3102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com