Electronic Components Datasheet Search
  English  ▼

X  

LM3102 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3102
Description  LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3102 Datasheet(HTML) 5 Page - Texas Instruments

  LM3102 Datasheet HTML 1Page - Texas Instruments LM3102 Datasheet HTML 2Page - Texas Instruments LM3102 Datasheet HTML 3Page - Texas Instruments LM3102 Datasheet HTML 4Page - Texas Instruments LM3102 Datasheet HTML 5Page - Texas Instruments LM3102 Datasheet HTML 6Page - Texas Instruments LM3102 Datasheet HTML 7Page - Texas Instruments LM3102 Datasheet HTML 8Page - Texas Instruments LM3102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM3102, LM3102-Q1
www.ti.com
SNVS515H – SEPTEMBER 2007 – REVISED JUNE 2015
6.5 Electrical Characteristics
Specifications with standard type are for TJ = 25°C unless otherwise specified. Minimum and Maximum limits are specified
through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are
provided for reference purposes only. Unless otherwise stated the following conditions apply: VIN = 18 V, VOUT = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
START-UP REGULATOR, VCC
6
over the full Operating
VCC
VCC output voltage
CCC = 680 nF, no load
V
Junction Temperature
5
7.2
(TJ) range
50
over the full Operating
ICC = 2mA
Junction Temperature
200
(TJ) range
VIN – VCC
VIN – VCC dropout voltage
mV
350
over the full Operating
ICC = 20mA
Junction Temperature
570
(TJ) range
65
over the full Operating
IVCCL
VCC current limit
(1)
VCC = 0V
mA
Junction Temperature
40
(TJ) range
3.75
VCC undervoltage lockout
over the full Operating
VCC-UVLO
VIN increasing
V
threshold (UVLO)
Junction Temperature
3.6
3.9
(TJ) range
VCC-UVLO-HYS VCC UVLO hysteresis
VIN decreasing – HTSSOP package
130
mV
VCC-UVLO-HYS VCC UVLO hysteresis
VIN decreasing – DSBGA package
150
mV
tVCC-UVLO-D
VCC UVLO filter delay
3
µs
0.7
over the full Operating
IIN
IIN operating current
No switching, VFB = 1V
mA
Junction Temperature
1
(TJ) range
25
IIN operating current, Device
over the full Operating
IIN-SD
VEN = 0V
µA
shutdown
Junction Temperature
40
(TJ) range
SWITCHING CHARACTERISTICS
0.18
RDS-UP-ON
Main MOSFET RDS(on)
Ω
over the full Operating Junction Temperature (TJ)
0.375
range
0.11
RDS- DN-ON
Syn. MOSFET RDS(on)
Ω
over the full Operating Junction Temperature (TJ)
0.225
range
3.3
over the full Operating
VG-UVLO
Gate drive voltage UVLO
VBST - VSW increasing
V
Junction Temperature
4
(TJ) range
SOFT-START
8
over the full Operating
ISS
SS pin source current
VSS = 0.5V
µA
Junction Temperature
6
10
(TJ) range
(1)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3102 LM3102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com