Electronic Components Datasheet Search
  English  ▼

X  

LM3102 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3102
Description  LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3102 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3102 Datasheet HTML 6Page - Texas Instruments LM3102 Datasheet HTML 7Page - Texas Instruments LM3102 Datasheet HTML 8Page - Texas Instruments LM3102 Datasheet HTML 9Page - Texas Instruments LM3102 Datasheet HTML 10Page - Texas Instruments LM3102 Datasheet HTML 11Page - Texas Instruments LM3102 Datasheet HTML 12Page - Texas Instruments LM3102 Datasheet HTML 13Page - Texas Instruments LM3102 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
1.5
1.55
1.6
1.65
1.7
1.75
1.8
0
10
20
30
40
50
INPUT VOLTAGE (V)
25°C
LM3102, LM3102-Q1
SNVS515H – SEPTEMBER 2007 – REVISED JUNE 2015
www.ti.com
Typical Characteristics (continued)
All curves are taken at VIN = 18 V with the configuration in the typical application circuit for VOUT = 3.3 V shown in this data
sheet. TA = 25°C, unless otherwise specified.
Figure 19. DSBGA Valley Current Limit VOUT = 5 V at 25°C
10
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM3102 LM3102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com