Electronic Components Datasheet Search
  English  ▼

X  

LM3102 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3102
Description  LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3102 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3102 Datasheet HTML 2Page - Texas Instruments LM3102 Datasheet HTML 3Page - Texas Instruments LM3102 Datasheet HTML 4Page - Texas Instruments LM3102 Datasheet HTML 5Page - Texas Instruments LM3102 Datasheet HTML 6Page - Texas Instruments LM3102 Datasheet HTML 7Page - Texas Instruments LM3102 Datasheet HTML 8Page - Texas Instruments LM3102 Datasheet HTML 9Page - Texas Instruments LM3102 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LM3102, LM3102-Q1
SNVS515H – SEPTEMBER 2007 – REVISED JUNE 2015
www.ti.com
Electrical Characteristics (continued)
Specifications with standard type are for TJ = 25°C unless otherwise specified. Minimum and Maximum limits are specified
through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are
provided for reference purposes only. Unless otherwise stated the following conditions apply: VIN = 18 V, VOUT = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
ICL
Syn. MOSFET current limit
LM3102
2.7
A
threshold
ICL
Syn. MOSFET current limit
LM3102TLX–1
1.5
A
threshold
ON/OFF TIMER
VIN = 10V, RON = 100 kΩ
1.38
ton
ON timer pulse width
µs
VIN = 30V, RON = 100 kΩ
0.47
ON timer minimum pulse
ton-MIN
150
ns
width
toff
OFF timer pulse width
260
ns
ENABLE INPUT
EN Pin input threshold
1.18
over the full Operating
VEN
VEN rising
V
Junction Temperature
1.13
1.23
(TJ) range
VEN-HYS
Enable threshold hysteresis
VEN falling
90
mV
REGULATION AND OVERVOLTAGE COMPARATOR
0.8
VSS ≥ 0.8V
over the full Operating
TJ = −40°C to +125°C
Junction Temperature
0.784
0.816
VFB
In-regulation feedback voltage
(TJ) range
V
over the full Operating
VSS ≥ 0.8V
Junction Temperature
0.788
0.812
TJ = 0°C to +125°C
(TJ) range
0.92
VFB-OV
V
Feedback overvoltage
over the full Operating Junction Temperature (TJ)
0.888
0.945
threshold
range
IFB
5
nA
THERMAL SHUTDOWN
TSD
Thermal shutdown
TJ rising
165
°C
temperature
TSD-HYS
Thermal shutdown
TJ falling
20
°C
temperature hysteresis
6
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM3102 LM3102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com