Electronic Components Datasheet Search
  English  ▼

X  

LM3102 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3102
Description  LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3102 Datasheet HTML 8Page - Texas Instruments LM3102 Datasheet HTML 9Page - Texas Instruments LM3102 Datasheet HTML 10Page - Texas Instruments LM3102 Datasheet HTML 11Page - Texas Instruments LM3102 Datasheet HTML 12Page - Texas Instruments LM3102 Datasheet HTML 13Page - Texas Instruments LM3102 Datasheet HTML 14Page - Texas Instruments LM3102 Datasheet HTML 15Page - Texas Instruments LM3102 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
VOUT
1.3 x 10
-10 x R
ON
fSW =
(VIN ± VOUT) x RON
2
VOUT (VIN - 1) x L x 1.18 x 10
20 x I
OUT
fSW =
LM3102, LM3102-Q1
SNVS515H – SEPTEMBER 2007 – REVISED JUNE 2015
www.ti.com
Feature Description (continued)
The regulator will operate in the discontinuous conduction mode (DCM) at a light load, and the continuous
conduction mode (CCM) with a heavy load. In the DCM, the current through the inductor starts at zero and
ramps up to a peak during the ON-time, and then ramps back to zero before the end of the OFF-time. It remains
zero and the load current is supplied entirely by the output capacitor. The next ON-time period starts when the
voltage at the FB pin falls below the internal reference. The operating frequency in the DCM is lower and varies
larger with the load current as compared with the CCM. Conversion efficiency is maintained because conduction
loss and switching loss are reduced with the reduction in the load and the switching frequency, respectively. The
operating frequency in the DCM can be calculated approximately as follows:
(1)
In the continuous conduction mode (CCM), the current flows through the inductor in the entire switching cycle,
and never reaches zero during the OFF-time. The operating frequency remains relatively constant with load and
line variations. The CCM operating frequency can be calculated approximately as follows:
(2)
The output voltage is set by two external resistors RFB1 and RFB2. The regulated output voltage is
VOUT = 0.8V x (RFB1 + RFB2)/RFB2
(3)
7.3.2 Start-Up Regulator (VCC)
A startup regulator is integrated within the LM3102/-Q1. The input pin VIN can be connected directly to a line
voltage up to 42 V. The VCC output regulates at 6 V, and is current limited to 65 mA. Upon power up, the
regulator sources current into an external capacitor CVCC, which is connected to the VCC pin. For stability, CVCC
must be at least 680 nF. When the voltage on the VCC pin is higher than the UVLO threshold of 3.75 V, the main
MOSFET is enabled and the SS pin is released to allow the soft-start capacitor CSS to charge.
The minimum input voltage is determined by the dropout voltage of the regulator and the VCC UVLO falling
threshold (
≊3.7 V). If VIN is less than ≊4.0 V, the regulator shuts off and VCC goes to zero.
7.3.3 Regulation Comparator
The feedback voltage at the FB pin is compared to a 0.8-V internal reference. In normal operation (the output
voltage is regulated), an ON-time period is initiated when the voltage at the FB pin falls below 0.8 V. The main
MOSFET stays on for the ON-time, causing the output voltage and consequently the voltage of the FB pin to rise
above 0.8 V. After the ON-time period, the main MOSFET stays off until the voltage of the FB pin falls below 0.8
V again. Bias current at the FB pin is nominally 5 nA.
7.3.4 Zero Coil Current Detect
The current of the synchronous MOSFET is monitored by a zero coil current detection circuit which inhibits the
synchronous MOSFET when its current reaches zero until the next ON-time. This circuit enables the DCM
operation, which improves the efficiency at a light load.
7.3.5 Overvoltage Comparator
The voltage at the FB pin is compared to a 0.92-V internal reference. If the voltage rises above 0.92 V, the ON-
time is immediately terminated. This condition is known as overvoltage protection (OVP). It can occur if the input
voltage or the output load changes suddenly. Once the OVP is activated, the main MOSFET remains off until the
voltage at the FB pin falls below 0.92 V. The synchronous MOSFET will stay on to discharge the inductor until
the inductor current reduces to zero, and then switch off.
12
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM3102 LM3102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com