Electronic Components Datasheet Search
  English  ▼

X  

LM3102 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM3102
Description  LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3102 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3102 Datasheet HTML 14Page - Texas Instruments LM3102 Datasheet HTML 15Page - Texas Instruments LM3102 Datasheet HTML 16Page - Texas Instruments LM3102 Datasheet HTML 17Page - Texas Instruments LM3102 Datasheet HTML 18Page - Texas Instruments LM3102 Datasheet HTML 19Page - Texas Instruments LM3102 Datasheet HTML 20Page - Texas Instruments LM3102 Datasheet HTML 21Page - Texas Instruments LM3102 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
tSS =
8 2A
CSS x 0.8V
CIN =
VIN
IOUT x ton
LM3102, LM3102-Q1
SNVS515H – SEPTEMBER 2007 – REVISED JUNE 2015
www.ti.com
Typical Application (continued)
Figure 26. Inductor Selection for VOUT = 3.3 V
Figure 27. Inductor Selection for VOUT = 0.8 V
CVCC: The capacitor on the VCC output provides not only noise filtering and stability, but also prevents false
triggering of the VCC UVLO at the main MOSFET on/off transitions. CVCC should be no smaller than 680 nF for
stability, and should be a good quality, low-ESR, ceramic capacitor.
COUT and COUT3: COUT should generally be no smaller than 10 µF. Experimentation is usually necessary to
determine the minimum value for COUT, as the nature of the load may require a larger value. A load which
creates significant transients requires a larger COUT than a fixed load.
COUT3 is a small value ceramic capacitor located close to the LM3102/-Q1 to further suppress high frequency
noise at VOUT. A 100-nF capacitor is recommended.
CIN and CIN3: The function of CIN is to supply most of the main MOSFET current during the ON-time, and limit
the voltage ripple at the VIN pin, assuming that the voltage source connecting to the VIN pin has finite output
impedance. If the voltage source’s dynamic impedance is high (effectively a current source), CIN supplies the
average input current, but not the ripple current.
At the maximum load current, when the main MOSFET turns on, the current to the VIN pin suddenly increases
from zero to the lower peak of the inductor’s ripple current and ramps up to the higher peak value. It then drops
to zero at turnoff. The average current during the ON-time is the load current. For a worst case calculation, CIN
must be capable of supplying this average load current during the maximum ON-time. CIN is calculated from:
where
•
IOUT is the load current
•
ton is the maximum ON-time
•
ΔVIN is the allowable ripple voltage at VIN
(10)
The purpose of CIN3 is to help avoid transients and ringing due to long lead inductance at the VIN pin. A low ESR
0.1-µF ceramic chip capacitor located close to the LM3102/-Q1 is recommended.
CBST: A 33-nF, high-quality ceramic capacitor with low ESR is recommended for CBST because it supplies a
surge current to charge the main MOSFET gate driver at turnon. Low ESR also helps ensure a complete
recharge during each OFF-time.
CSS: The capacitor at the SS pin determines the soft-start time, that is, the time for the reference voltage at the
regulation comparator and the output voltage to reach their final value. The time is determined from the following
equation:
(11)
CFB: If the output voltage is higher than 1.6 V, CFB is needed in the Discontinuous Conduction Mode to reduce
the output ripple. The recommended value for CFB is 10 nF.
18
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM3102 LM3102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com