Electronic Components Datasheet Search
  English  ▼

X  

ADP3430 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 5 Page - ON Semiconductor

  ADP3430 Datasheet HTML 1Page - ON Semiconductor ADP3430 Datasheet HTML 2Page - ON Semiconductor ADP3430 Datasheet HTML 3Page - ON Semiconductor ADP3430 Datasheet HTML 4Page - ON Semiconductor ADP3430 Datasheet HTML 5Page - ON Semiconductor ADP3430 Datasheet HTML 6Page - ON Semiconductor ADP3430 Datasheet HTML 7Page - ON Semiconductor ADP3430 Datasheet HTML 8Page - ON Semiconductor ADP3430 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ADP3430
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (VCC = 12 V, FBRTN = GND, TA = 0°C to 85°C unless otherwise noted) (Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reference Current
Reference Bias Voltage
VIREF
1.5
V
Reference Bias Current
IIREF
RIREF = 100 kW
14.25
15
15.75
mA
Error Amplifier
Output Voltage Range (Note 2)
VCOMP
0
4.4
V
Accuracy
VFB
Relative to nominal DAC output,
Referenced to FBRTN, LLINE = CSREF
−11.0
+11.0
mV
Load Line Positioning Accuracy
VFB(BOOT)
In startup CSREF − LLINE = 80 mV,
DAC = 1.51875 V
1.092
−82
1.1
−80
1.108
−78
V
mV
Differential Non−linearity
−1.0
+1.0
LSB
FBRTN Current
IFBRTN
125
200
mA
Output Current
ICOMP
FB forced to VOUT − 3%
500
mA
Gain Bandwidth Product
GBW(ERR)
COMP = FB
20
MHz
Slew Rate
COMP = FB
25
V/ms
LLINE Input Voltage Range
VLLINE
Relative to CSREF
−250
+250
mV
LLINE Input Bias Current
ILLINE
−10
+10
nA
BOOT Voltage Hold Time
tBOOT
CDELAY = 10 nF
1.0
ms
VID Inputs
Input Low Voltage
VIL(VID)
VID(X)
0.3
V
Input High Voltage
VIH(VID)
VID(X)
0.8
V
Input Current
IIN(VID)
−1.0
mA
VID Transition Delay Time (Note 2)
VID code change to FB change
400
ns
No CPU Detection Turn−Off Delay Time
(Note 2)
VID code change to PWM going low
5.0
ms
PSI Input
Input Low Voltage
VIL(PSI)
0.3
V
Input High Voltage
VIH(PSI)
0.8
V
Input Current
IIN(PSI)
PSI = HIGH
1.0
mA
Assertion Time
tast(PSI)
FSW = 400 KHz, 3−phase
150
ns
De−assertion Time
tdeast(PSI)
FSW = 400 KHz, 3−phase
260
ns
TRDET Output
Low Voltage
VIL(TRDET)
ITRDET(sink) = −4 mA
150
300
mV
Oscillator
Frequency Range
fOSC
0.25
4.0
MHz
Frequency Variation
fPHASE
TA = 25 °C, RT = 87 kW, 3−phase
TA = 25 °C, RT = 48 kW, 3−phase
TA = 25 °C, RT = 23 kW, 3−phase
270
300
500
800
330
kHz
Output Voltage
VRT
RT = 87 kW to GND
1.9
2.0
2.1
V
RAMP Output Voltage
VRAMP
RAMP − FB
−50
+50
mV
RAMP Input Current Range
IRAMP
1.0
200
mA
Current Sense Amplifier
Offset Voltage
VOS(CSA)
CSSUM − CSREF, CSREF = 0.8V ~1.6V
−1.0
+1.0
mV
Input Bias Current
IBIAS(CSSUM)
−10
+10
nA
Gain Bandwidth Product
GBW(CSA)
CSSUM = CSCOMP
10
MHz
Slew Rate
CCSCOMP = 10 pF
10
V/ms
Input Common−Mode Range
CSSUM and CSREF
0
3.5
V
Output Voltage Range
0.05
3.5
V
1. All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2. Guaranteed by design or bench characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com