Electronic Components Datasheet Search
  English  ▼

X  

ADP3430 Datasheet(PDF) 19 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button ADP3430 Datasheet HTML 15Page - ON Semiconductor ADP3430 Datasheet HTML 16Page - ON Semiconductor ADP3430 Datasheet HTML 17Page - ON Semiconductor ADP3430 Datasheet HTML 18Page - ON Semiconductor ADP3430 Datasheet HTML 19Page - ON Semiconductor ADP3430 Datasheet HTML 20Page - ON Semiconductor ADP3430 Datasheet HTML 21Page - ON Semiconductor ADP3430 Datasheet HTML 22Page - ON Semiconductor ADP3430 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
ADP3430
http://onsemi.com
19
the total power that is dissipated in each synchronous
MOSFET in terms of the ripple current per phase (IR) and
average total output current (IO).
(eq. 17)
PSF + (1 * D)
IO
nSF
2
) 1
12
nIR
nSF
2
RDS(SF)
Knowing the maximum output current being designed for
and the maximum allowed power dissipation, the user can
find the required RDS(ON) for the MOSFET. For D−PAK
MOSFETs up to an ambient temperature of 50
°C, a safe
limit for PSF is 1 W to 1.5 W at 120°C junction temperature.
Thus, for this example (69 A maximum), RDS(SF) (per
MOSFET) < 3.2 m
W. This RDS(SF) is also at a junction
temperature of about 120
°C. As a result, users need to
account for this when making this selection. This example
uses one lower−side MOSFET at 4.4 m
W, each at 120°C.
Another important factor for the synchronous MOSFET
is the input capacitance and feedback capacitance. The ratio
of the feedback to input needs to be small (less than 10% is
recommended) to prevent accidental turn−on of the
synchronous MOSFETs when the switch node goes high.
Also, the time to switch the synchronous MOSFETs off
should not exceed the non−overlap dead time of the
MOSFET driver (40 ns typical for the ADP3120A). The
output impedance of the driver is approximately 2
W, and the
typical MOSFET input gate resistances are about 1
W to 2 W.
Therefore, a total gate capacitance of less than 6000 pF
should be adhered to. Because two MOSFETs are in parallel,
the input capacitance for each synchronous MOSFET
should be limited to 3000 pF.
The high−side (main) MOSFET has to be able to handle
two main power dissipation components: conduction and
switching losses. The switching loss is related to the amount
of time it takes for the main MOSFET to turn on and off, and
to the current and voltage that are being switched. Basing the
switching speed on the rise and fall time of the gate driver
impedance and MOSFET input capacitance, Equation 18
provides an approximate value for the switching loss per
main MOSFET, where nMF is the total number of main
MOSFETs.
PS(MF) + 2 fSW
VCC IO
nMF
RG
nMF
n
CISS
(eq. 18)
where RG is the total gate resistance (2 W for the ADP3120A
and about 1
W for typical high speed switching MOSFETs,
making RG = 3 W), and CISS is the input capacitance of the
main MOSFET. Adding more main MOSFETs (nMF) does
not help the switching loss per MOSFET because the
additional gate capacitance slows switching. Use lower gate
capacitance devices to reduce switching loss.
The conduction loss of the main MOSFET is given by the
following, where RDS(MF) is the on resistance of the
MOSFET:
(eq. 19)
PC(MF) + D
IO
nMF
2
) 1
12
n
IR
nMF
2
RDS(MF)
Typically, for main MOSFETs, the highest speed (low
CISS) device is preferred, but these usually have higher on
resistance. Select a device that meets the total power
dissipation (about 1.5 W for a single D−PAK) when
combining the switching and conduction losses.
For this example, an RJK0305DPB is selected as the main
MOSFET (three total; nMF = 3), with CISS = 1300 pF
(maximum) and RDS(MF) = 10 mW (maximum at TJ = 125°C).
An FDMS8670S is selected as the synchronous MOSFET
(three total; nSF = 8), with CISS = 4000 pF (maximum) and
RDS(SF) = 4.4 mW (maximum at TJ = 125°C). The
synchronous MOSFET CISS is less than 6000 pF, satisfying
this requirement.
Solving for the power dissipation per MOSFET at
IO = 56 A and IR = 9.8 A yields 1.37 W for each synchronous
MOSFET and 0.975 W for each main MOSFET.
Finally, consider the power dissipation in the driver for
each phase. This is best expressed as QG for the MOSFETs
and is given by Equation 20, where QGMF is the total gate
charge for each main MOSFET and QGSF is the total gate
charge for each synchronous MOSFET.
(eq. 20)
fSW
2
n
nMF QGMF ) nSF QGSF ) ICC
VCC
PDRV +
Also shown is the standby dissipation factor (ICC × VCC)
of the driver. For the ADP3120A, the maximum dissipation
should be less than 400 mW. In this example, with
ICC = 7 mA, QGMF = 15 nC, and QGSF = 73 nC, there is
242 mW in each driver, which is below the 400 mW
dissipation limit. See the ADP3120A data sheet for more
details.
Ramp Resistor Selection
The ramp resistor (RR) is used for setting the size of the
internal PWM ramp. The value of this resistor is chosen to
provide the best combination of thermal balance, stability,
and transient response. Equation 21 is used for determining
the optimum value.
RR +
AR L
3
AD RDS CR
(eq. 21)
RR +
0.5
450 nH
3
5
4mW
5pF +
750 kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com