Electronic Components Datasheet Search
  English  ▼

X  

ADP3430 Datasheet(PDF) 23 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button ADP3430 Datasheet HTML 18Page - ON Semiconductor ADP3430 Datasheet HTML 19Page - ON Semiconductor ADP3430 Datasheet HTML 20Page - ON Semiconductor ADP3430 Datasheet HTML 21Page - ON Semiconductor ADP3430 Datasheet HTML 22Page - ON Semiconductor ADP3430 Datasheet HTML 23Page - ON Semiconductor ADP3430 Datasheet HTML 24Page - ON Semiconductor ADP3430 Datasheet HTML 25Page - ON Semiconductor ADP3430 Datasheet HTML 26Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
ADP3430
http://onsemi.com
23
RCS2(NEW) + RCS2(OLD)
VNL * VFLCOLD
VNL * VFLHOT
(eq. 36)
5. Repeat Step 4 until the cold and hot voltage
measurements remain the same.
6. Measure the output voltage from no load to full
load using 5 A steps. Compute the load line slope
for each change, and then average to get the
overall load line slope (ROMEAS).
7. If ROMEAS is off from RO by more than 0.05 mW,
use Equation 37 to adjust the RPH values.
RPH(NEW) + RPH(OLD)
ROMEAS
RO
(eq. 37)
8. Repeat Step 6 and Step 7 to check the load line.
Repeat adjustments if necessary.
9. When the dc load line adjustment is complete, do
not change RPH, RCS1, RCS2, or RTH for the
remainder of the procedure.
10. Measure the output ripple at no load and full load
with a scope, and make sure it is within
specifications.
(eq. 38)
RCS1(NEW) +
1
RCS1(OLD))RTH(25oC)
RCS1(OLD) RTH(25oC)) RCS1(OLD)*RCS2(NEW)
RCS1(OLD)*RTH(25oC)
*
1
RTH(25oC)
AC Load Line Setting
11. Remove the dc load from the circuit and hook up
the dynamic load.
12. Hook up the scope to the output voltage and set it
to dc coupling with the time scale at 100
ms/div.
13. Set the dynamic load for a transient step of about
40 A at 1 kHz with 50% duty cycle.
14. Measure the output waveform (use dc offset on
scope to see the waveform). Try to use a vertical
scale of 100 mV/div or finer. This waveform
should look similar to Figure 13.
Figure 13. AC Load Line Waveform
VDCDRP
VACDRP
15. Use the horizontal cursors to measure VACDRP and
VDCDRP as shown in Figure 13. Do not measure
the undershoot or overshoot that happens
immediately after this step.
16. If VACDRP and VDCDRP are different by more than
a few millivolts, use Equation 38 to adjust CCS.
Users may need to parallel different values to get
the right one because limited standard capacitor
values are available. It is a good idea to have
locations for two capacitors in the layout for this.
CCS(NEW) + CCS(OLD)
VACDRP
VDCDRP
(eq. 39)
17. Repeat Step 11 to Step 13 and repeat the
adjustments, if necessary. Once complete, do not
change CCS for the remainder of the procedure.
Set the dynamic load step to maximum step size.
Do not use a step size larger than needed. Verify
that the output waveform is square, which means
that VACDRP and VDCDRP are equal.
Initial Transient Setting
18. With the dynamic load still set at the maximum step
size, expand the scope time scale to either 2
ms/div
or 5
ms/div. The waveform can have two overshoots
and one minor undershoot (see Figure 14). Here,
VDROOP is the final desired value.
Figure 14. Transient Setting Waveform
VDROOP
VTRAN1
VTRAN2
19. If both overshoots are larger than desired, try
making the adjustments using the following
suggestions:
• Make the ramp resistor larger by 25% (RRAMP)
• For VTRAN1, increase CB or increase the switching
frequency
• For VTRAN2, increase RA and decrease CA by 25%
If these adjustments do not change the response, the
design is limited by the output decoupling. Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com