Electronic Components Datasheet Search
  English  ▼

X  

ADP3430 Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADP3430 Datasheet HTML 4Page - ON Semiconductor ADP3430 Datasheet HTML 5Page - ON Semiconductor ADP3430 Datasheet HTML 6Page - ON Semiconductor ADP3430 Datasheet HTML 7Page - ON Semiconductor ADP3430 Datasheet HTML 8Page - ON Semiconductor ADP3430 Datasheet HTML 9Page - ON Semiconductor ADP3430 Datasheet HTML 10Page - ON Semiconductor ADP3430 Datasheet HTML 11Page - ON Semiconductor ADP3430 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ADP3430
http://onsemi.com
8
Theory of Operation
The ADP3430 combines a multi−mode, fixed frequency
PWM control with multiphase logic outputs for use in 2− or
3−phase synchronous buck CPU core supply power
converters. The internal VID DAC is designed to interface with
Intel 8−bit VRD/VRM 11.1 and compatible CPUs. Multiphase
operation is important for producing the high currents and low
voltages demanded by today’s microprocessors. Handling the
high currents in a single−phase converter places high thermal
demands on the components in the system, such as the
inductors and MOSFETs.
The multi−mode control of the ADP3430 ensures a stable,
high performance topology for the following:
• Balancing currents and thermals between phases for
both static and dynamic operation
• High speed response at the lowest possible switching
frequency and output decoupling
• FEPWM and TRDET functions for improved load step
and load release transient response
• Minimizing thermal switching losses by using lower
frequency operation
• Functions of with and without tight load line regulation
and accuracy
• Reduced output ripple due to multiphase cancellation
• PC board layout noise immunity
• Ease of use and design due to independent component
selection
• Flexibility in operation for tailoring design to low cost
or high performance
Startup Sequence
The ADP3430 follows the VR11.1 startup sequence
shown in Figure 5. After both the EN and UVLO conditions
are met, the DELAY pin goes through one cycle (TD1).
After this cycle, the internal oscillator is enabled. The first
four clock cycles are blanked from the PWM outputs and
used for phase detection as explained in the Phase Detection
Sequence section. Then, the soft−start ramp is enabled
(TD2), and the output comes up to the boot voltage of 1.1 V.
The boot hold time is determined by the DELAY pin as
it goes through a third cycle (TD3). During TD3, the
processor VID pins settle to the required VID code. When
TD3 is over, the ADP3430 reads the VID inputs and
soft−starts either up or down to the final VID voltage
(TD4).When TD4 and the PWRGD masking time (equal to
VID OTF masking) is completed, a third ramp on the
DELAY pin sets the PWRGD blanking (TD5).
Figure 5. System Startup Sequence
VTT I/O
(ADP3430 EN)
12 V
SUPPLY
UVLO
THRESHOLD
0.8 V
1.0 V
DELAY
SS
VCC_CORE
VR READY
(ADP3430 PWRGD)
CPU
VID INPUTS
VID INVALID
VID VALID
VDELAY(TH)
(1.7 V)
VBOOT
(1.1 V)
VBOOT
(1.1 V)
VVID
VVID
TD1
TD2
TD4
TD5
50 s
TD3
m
Phase Number Configuration
The PSI pin is used as an input to determine the operating
phase number (2− or 3−phase), depending on power state of
the load. If this pin is set as low, the controller knows the load
is in a low power state and it pulls the ODN signal low, which
can be used to disable phase 3 (2−phase operation) for
increased efficiency. When PSI pin is set as high, then it
demands 3−phase operation. Please note that the PSI OTF
change is also supported.
The PWM outputs are logic−level devices intended for
driving fast response external gate drivers such as the
ADP3121 and ADP3122. Because each phase is monitored
independently, operation approaching 100% duty cycle is
possible. In addition, more than one PWM output can be on
at the same time to allow overlapping phases.
Master Clock Frequency
The clock frequency of the ADP3430 is set with an external
resistor connected from the RT pin to ground. The frequency
follows the graph in Figure 3. For both 2−Phase and 3−Phase
operations, the frequency per phase is equal to 1/6 of the clock
frequency.
Output Voltage Differential Sensing
The ADP3430 combines differential sensing with a high
accuracy VID DAC and reference, and a low offset error
amplifier. This maintains a worst−case specification of
± 8.0 mV differential sensing error over its full operating
output voltage and temperature range. The output voltage is
sensed between the FB pin and FBRTN pin. FB is connected
through a resistor to the regulation point, usually the remote
sense pin of the microprocessor. FBRTN is connected
directly to the remote sense ground point. The internal VID
DAC and precision reference are referenced to FBRTN,
which has a minimal current of 125
mA to allow accurate
remote sensing. The internal error amplifier compares the
output of the DAC to the FB pin to regulate the output
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com