Electronic Components Datasheet Search
  English  ▼

X  

ADP3430 Datasheet(PDF) 10 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ADP3430 Datasheet HTML 6Page - ON Semiconductor ADP3430 Datasheet HTML 7Page - ON Semiconductor ADP3430 Datasheet HTML 8Page - ON Semiconductor ADP3430 Datasheet HTML 9Page - ON Semiconductor ADP3430 Datasheet HTML 10Page - ON Semiconductor ADP3430 Datasheet HTML 11Page - ON Semiconductor ADP3430 Datasheet HTML 12Page - ON Semiconductor ADP3430 Datasheet HTML 13Page - ON Semiconductor ADP3430 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ADP3430
http://onsemi.com
10
to 1.7 V. This DELAY pin is used for multiple delay timings
(TD1, TD3, and TD5) during the startup sequence. Also,
DELAY is used for timing the current limit latchoff, as
explained in the Current Limit, Short−Circuit, and Latchoff
Protection section.
Soft−Start
The soft−start times for the output voltage are set with a
capacitor from the SS pin to ground. After TD1 and the
phase detection cycle have been completed, the SS time
(TD2 in Figure 5) starts. The SS pin is disconnected from
GND, and the capacitor is charged up to the 1.1 V boot
voltage by the SS amplifier, which has a limited output
current of 15
mA. The voltage at the FB pin follows the
ramping voltage on the SS pin, limiting the inrush current
during startup. The soft−start time depends on the value of
the boot voltage and CSS.
Once the SS voltage is within 100 mV of the boot voltage,
the boot voltage delay time (TD3 in Figure 5) is started. The
end of the boot voltage delay time signals the beginning of
the second soft−start time (TD4 in Figure 5). The SS voltage
now changes from the boot voltage to the programmed VID
DAC voltage (either higher or lower) using the SS amplifier
with the limited 15
mA output current. The voltage of the FB
pin follows the ramping voltage of the SS pin, limiting the
inrush current during the transition from the boot voltage to
the final DAC voltage. The second soft−start time depends
on the boot voltage, the programmed VID DAC voltage, and
CSS.
If EN is taken low or if VCC drops below UVLO, DELAY
and SS are reset to ground to be ready for another soft−start
cycle. Figure 6 shows typical startup waveforms for the
ADP3430.
Figure 6. Typical Startup Waveform
1−Vo, 2−SS, 3−DELAY, 4−EN, D0−D3−PWM1~3
Current Limit, Short−Circuit, and Latchoff Protection
The ADP3430 compares a programmable current limit set
point to the voltage from the output of the current sense
amplifier. The level of current limit is set with the resistor
from the ILIM pin to CSCOMP. During operation, the
voltage on ILIM is equal to the voltage on CSREF. The
current through the external resistor connected between
ILIM and CSCOMP is then compared to the internal current
limit current Icl. If the current generated through this register
into the ILIM pin(ILIM) exceeds the internal current limit
threshold current (Icl), the internal current limit amplifier
controls the internal COMP voltage to maintain the average
output at the limit.
If the limit is reached and TD5 in Figure 5 has completed,
a latchoff delay time starts, and the controller shuts down if
the fault is not removed. The current limit delay time shares
the DELAY pin timing capacitor with the startup sequence
timing. However, during current limit, the DELAY pin
current is reduced to 3.75
mA. A comparator monitors the
DELAY voltage and shuts off the controller when the
voltage reaches 1.7 V. Therefore, the current limit latchoff
delay time is set by the current of 3.75
mA, charging the
delay capacitor from 0 V to 1.7 V. This delay is four times
longer than the delay time during the startup sequence.
The current limit delay time starts only after the TD5 is
complete. If there is a current limit during startup, the
ADP3430 goes through TD1 to TD5, and then starts the
latchoff time. Because the controller continues to cycle the
phases during the latchoff delay time, the controller returns
to normal operation and the DELAY capacitor is reset to
GND if the short is removed before the 1.7 V threshold is
reached.
For the same Rt value, the current limit for 2−phase
operation (PSI = Low) is 2/3 of that of 3−phase (PSI = High).
The latchoff function can be reset by either removing and
reapplying the supply voltage to the ADP3430, or by toggling
the EN pin low for a short time. To disable the short circuit
latchoff function, an external resistor should be placed in
parallel with CDLY. This prevents the DELAY capacitor from
charging up to the 1.7 V threshold. The addition of this
resistor causes a slight increase in the delay times.
During startup, when the output voltage is below 200 mV,
a secondary current limit is active. This is necessary because
the voltage swing of CSCOMP cannot go below ground. This
secondary current limit controls the internal COMP voltage
to the PWM comparators to 1.5 V. This limits the voltage drop
across the low−side MOSFETs through the current balance
circuitry. An inherent per−phase current limit protects
individual phases if one or more phases stop functioning
because of a faulty component. This limit is based on the
maximum normal mode COMP voltage. Typical overcurrent
latchoff waveforms are shown in Figure 6.
Output Current Monitor
The IMON pin is used to output an analog voltage
representing the total output current being delivered to the
load. It outputs an accurate current that is directly
proportional to the current set by the ILIM resistor. This
current is then run through a parallel RC connected from the
IMON pin to the FBRTN pin to generate an accurately scaled
and filtered voltage per the VR11.1 specification. The size
of the resistor is used to set the IMON scaling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com