Electronic Components Datasheet Search
  English  ▼

X  

ADP3430 Datasheet(PDF) 18 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button ADP3430 Datasheet HTML 14Page - ON Semiconductor ADP3430 Datasheet HTML 15Page - ON Semiconductor ADP3430 Datasheet HTML 16Page - ON Semiconductor ADP3430 Datasheet HTML 17Page - ON Semiconductor ADP3430 Datasheet HTML 18Page - ON Semiconductor ADP3430 Datasheet HTML 19Page - ON Semiconductor ADP3430 Datasheet HTML 20Page - ON Semiconductor ADP3430 Datasheet HTML 21Page - ON Semiconductor ADP3430 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ADP3430
http://onsemi.com
18
4. Compute the relative values for RCS1, RCS2, and
RTH using:
rCS2 +
(eq. 8)
(A * B)
r1 r2 * A (1 * B) r2 ) B (1 * A) r1
A
(1 * B)
r1 * B (1 * A) r2 * (A * B)
(eq. 9)
rCS1 +
(1 * A)
1
1*rCS2
*
A
r1*rCS2
(eq. 10)
rTH +
1
1
1*rCS2
* 1
rCS1
Calculate RTH = rTH × RCS, then select the closest value
of thermistor available. Also, compute a scaling factor (k)
based on the ratio of the actual thermistor value used relative
to the computed one.
k +
RTH(ACTUAL)
RTH(CALCULATED)
(eq. 11)
5. Calculate values for RCS1 and RCS2 using
Equation 12 and 13.
(eq. 12)
RCS1 + RCS k rCS1
(eq. 13)
RCS2 + RCS
(1 * k) ) k
rCS2
In this example, RCS is calculated to be 114 kW. Look for
an available 100 k
W thermistor, 0603 size. One such
thermistor is the Vishay NTHS0603N01N1003JR NTC
thermistor with A = 0.3602 and B = 0.09174. From these
values, rCS1 = 0.3795, rCS2 = 0.7195, and rTH = 1.075.
Solving for RTH yields 122.55 kW, so 100 kW is chosen,
making k = 0.816. Next, find RCS1 and RCS2 to be 35.3 kW
and 87.9 k
W. Finally, choose the closest 1% resistor values,
which yield a choice of 35.7 k
W and 88.7 kW.
COUT Selection
The required output decoupling for the regulator is
typically recommended by Intel for various processors and
platforms. Use some simple design guidelines to determine
the requirements. These guidelines are based on having both
bulk capacitors and ceramic capacitors in the system.
First, select the total amount of ceramic capacitance. This
is based on the number and type of capacitor to be used. The
best location for ceramic capacitors is inside the socket, with
12 to 18, 1206 size being the physical limit. Other capacitors
can be placed along the outer edge of the socket as well.
To determine the minimum amount of ceramic
capacitance required, start with a worst−case load step
occurring right after a switching cycle has stopped. The
ceramic capacitance then delivers the charge to the load
while the load is ramping up and until the VR has responded
with the next switching cycle.
Equation 14 gives the designer a rough approximation for
determining the minimum ceramic capacitance. Due to the
complexity of the PCB parasitics and bulk capacitors, the
actual amount of ceramic capacitance required can vary.
(eq. 14)
CZ(MIN) w
1
D Vrl
D IO
1
fSW
1
n * D *
D IO
2SR
The typical ceramic capacitors consist of multiple 10
mF
or 22
mF capacitors. For this example, Equation 14 yields
132
mF, so six, 22 mF ceramic capacitors suffice. A lower
limit is based on meeting the capacitance for the load release
for a given maximum load step (
DIO) and a maximum
allowable overshoot.
(eq. 15)
CX(MIN) w
1
2
L
n
DIO
2
DVrl VVID
* CZ
This example uses 6, 22
mF 1206 MLC capacitors
(CZ = 132
mF), solving for the bulk capacitance yields.
CX(MIN) w
1
2
450 nH
3
56 A
2
50 mV
1.51875 V *
132 mF + 2.96mF
Using 7, 470
mF tantanium capacitors (KEMET) with a
typical ESR of 5 m
W each yields CX = 3.29 mF with an
RX = 0.7 m
W.
One last check should be made to ensure that the ESL of
the bulk capacitors (LX) is low enough to limit the high
frequency ringing during a load change.
This is tested using:
(eq. 16)
LX v CZ RX 2 Q2
LX v 132 mF
0.7 mW
2
4
3 +
86.2 pH
where Q2 is limited to 4/3 to ensure a critically damped
system.
In this example, LX is approximately 70 pH for the 7,
tantanium capacitors, which satisfies this limitation. If LX
of the chosen bulk capacitor bank is too large, the number of
ceramic capacitors needs to be increased, or lower ESL
bulks need to be used if there is excessive undershoot during
a load transition.
Power MOSFETs
For this example, the N−channel power MOSFETs have
been selected for one high−side switch and two low−side
switches per phase. The main selection parameters for the
power MOSFETs are VGS(TH), QG, CISS, CRSS, and
RDS(ON). The minimum gate drive voltage (the supply
voltage to the ADP3120A dictates whether standard
threshold or logic−level threshold MOSFETs must be used.
With VGATE ~10 V, logic−level threshold MOSFETs
(VGS(TH) < 2.5 V) are recommended.
The maximum output current (IO) determines the RDS(ON)
requirement for the low−side (synchronous) MOSFETs.
With the ADP3430, currents are balanced between phases,
thus, the current in each low−side MOSFET is the output
current divided by the total number of MOSFETs (nSF).
With conduction losses being dominant, Equation 17 shows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com