Electronic Components Datasheet Search
  English  ▼

X  

ADP3430 Datasheet(PDF) 7 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ADP3430 Datasheet HTML 3Page - ON Semiconductor ADP3430 Datasheet HTML 4Page - ON Semiconductor ADP3430 Datasheet HTML 5Page - ON Semiconductor ADP3430 Datasheet HTML 6Page - ON Semiconductor ADP3430 Datasheet HTML 7Page - ON Semiconductor ADP3430 Datasheet HTML 8Page - ON Semiconductor ADP3430 Datasheet HTML 9Page - ON Semiconductor ADP3430 Datasheet HTML 10Page - ON Semiconductor ADP3430 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ADP3430
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (VCC = 12 V, FBRTN = GND, TA = 0°C to 85°C unless otherwise noted) (Note 1)
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
Power−Good Comparator cont.
Crowbar Trip Point
VCB(CSREF) Relative to nominal DAC output
100
150
200
mV
Crowbar Reset Threshold
Relative to FBRTN
305
360
415
mV
PWM Outputs
Output Low Voltage
VOL(PWM)
IPWM(SINK) = −400 mA
160
500
mV
Output High Voltage
VOH(PWM)
IPWM(SOURCE) = 400 mA
4.0
5.0
V
Supply
VCC
VCC
VSYSTEM = 12 V, RSHUNT = 340 W
4.65
5.0
5.55
V
DC Supply Current
IVCC
VSYSTEM = 13.2 V, RSHUNT = 340 W
25
mA
Shunt Turn−On Current
6.5
mA
Shunt Turn−On Threshold Voltage
VSYSTEM
VSYSTEM Rising
6.0
V
Shunt Turn−Off Voltage
VSYSTEM Falling
4.1
V
1. All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2. Guaranteed by design or bench characterization, not tested in production.
Figure 3. Oscillator Frequency vs. RT
RT (kW)
0
100 200 300
1000
400 500 600 700 800 900
Figure 4. Oscillator Frequency vs. Supply Current
0
1000
2000
3000
4000
5000
5.8
6.0
6.2
6.4
6.6
500
1500
2500
3500
4500
SUPPLY CURRENT (mA)
0
1000
2000
3000
4000
5000
500
1500
2500
3500
4500
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com