Electronic Components Datasheet Search
  English  ▼

X  

ADP3430 Datasheet(PDF) 9 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ADP3430 Datasheet HTML 5Page - ON Semiconductor ADP3430 Datasheet HTML 6Page - ON Semiconductor ADP3430 Datasheet HTML 7Page - ON Semiconductor ADP3430 Datasheet HTML 8Page - ON Semiconductor ADP3430 Datasheet HTML 9Page - ON Semiconductor ADP3430 Datasheet HTML 10Page - ON Semiconductor ADP3430 Datasheet HTML 11Page - ON Semiconductor ADP3430 Datasheet HTML 12Page - ON Semiconductor ADP3430 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ADP3430
http://onsemi.com
9
Output Current Sensing
The ADP3430 provides a dedicated current sense
amplifier (CSA) to monitor the total output current for
proper voltage positioning versus load current (when this
function is required), for the IMON output, and for current
limit detection. Sensing the load current at the output gives
the total real−time current being delivered to the load, which
is an inherently more accurate method than peak current
detection or sampling the current across a sense element
such as the low−side MOSFET. This amplifier can be
configured several ways, depending on the objectives of the
system, as follows:
• Output inductor DCR sensing without a thermistor for
lowest cost.
• Output inductor DCR sensing with a thermistor for
improved accuracy with tracking of inductor
temperature.
• Sense resistors for highest accuracy measurements.
The positive input of the CSA is connected to the
CSREF pin, which is connected to the average output
voltage. The inputs to the amplifier are summed together
through resistors from the sensing element, such as the
switch node side of the output inductors, to the inverting
input CSSUM. The feedback resistor between CSCOMP
and CSSUM sets the gain of the amplifier and a filter
capacitor is placed in parallel with this resistor. The gain of
the amplifier is programmable by adjusting the input
summing resistor.
An additional resistor divider connected between CSREF
and CSCOMP (with the midpoint connected to LLINE) can
be used to set the load line required by the microprocessor.
The current information is then given as CSREF − LLINE.
This difference signal is used internally to offset the
VID DAC for voltage positioning. The difference between
CSREF and CSCOMP is then used as a differential input for
the current limit comparator. This allows the load line to be
set independently of the current limit threshold. In the event
that the current limit threshold and load line are not
independent, the resistor divider between CSREF and
CSCOMP can be removed and the CSCOMP pin can be
directly connected to LLINE. To disable voltage positioning
entirely (that is, no load line) connect LLINE to CSREF.
To provide the best accuracy for sensing current, the CSA
is designed to have a low offset input voltage. Also, the
sensing gain is determined by external resistors to make it
extremely accurate.
Current Control Mode and Thermal Balance
The ADP3430 has individual inputs (SW1 to SW4) for
each phase that are used for monitoring the current of each
phase. This information is combined with an internal ramp
to create a current balancing feedback system that has been
optimized for initial current balance accuracy and dynamic
thermal balancing during operation. This current balance
information is independent of the average output current
information used for positioning as described in the Load
Line Setting section.
The magnitude of the internal ramp can be set to optimize
the transient response of the system. It also monitors the
supply voltage for feed−forward control for changes in the
supply. A resistor connected from the power input voltage
to the RAMP pin determines the slope of the internal PWM
ramp.
External resistors can be placed in series with individual
phases to create an intentional current imbalance if desired,
such as when one phase has better cooling and can support
higher currents. Resistor RSW1 through RSW4 can be used
for adjusting thermal balance. It is best to have the ability to
add these resistors during the initial design, therefore, ensure
that placeholders are provided in the layout.
To increase the current in any given phase, enlarge RSW
for that phase (make RSW = 0 for the hottest phase and do not
change it during balancing). Increasing RSW by 1 kW can
make an increase in phase current. Increase each RSW value
by small amounts to achieve balance, starting with the
coolest phase first.
Voltage Control Mode
A high gain, bandwidth voltage mode error amplifier is
used for the voltage mode control loop. The control input
voltage to the positive input is set via the VID logic
according to the voltages listed.
The output of the amplifier is the COMP pin, which sets
the termination voltage for the internal PWM ramps. The
main loop compensation is incorporated into the feedback
network between FB and COMP.
Fast Enhanced Transient Modes
The ADP3430 incorporates enhanced transient response
for both load steps and load release. For load steps, it senses
the error amp to determine if a load step has occurred and
sequences the proper number of phases on to ramp up the
output current.
For load release, it also senses the error amp and uses the
load release information to trigger the TRDET pin, which is
then used to adjust the feedback for optimal positioning
especially during high frequency load steps.
Additional information is used during load transients to
ensure proper sequencing and balancing of phases during
high frequency load steps as well as minimizing stress on the
components such as the input filter and MOSFETs.
Delay Timer
The delay times for the startup timing sequence are set
with a capacitor from the DELAY pin to ground. In UVLO,
or when EN is logic low, the DELAY pin is held at ground.
After the UVLO and EN signals are asserted, the first delay
time (TD1 in Figure 5) is initiated. A 15
mA current flows out
of the DELAY pin to charge CDLY. A comparator monitors
the DELAY voltage with a threshold of 1.7 V. The delay time
is therefore set by the 15
mA charging a capacitor from 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com