Electronic Components Datasheet Search
  English  ▼

X  

ADP3430 Datasheet(PDF) 6 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ADP3430 Datasheet HTML 2Page - ON Semiconductor ADP3430 Datasheet HTML 3Page - ON Semiconductor ADP3430 Datasheet HTML 4Page - ON Semiconductor ADP3430 Datasheet HTML 5Page - ON Semiconductor ADP3430 Datasheet HTML 6Page - ON Semiconductor ADP3430 Datasheet HTML 7Page - ON Semiconductor ADP3430 Datasheet HTML 8Page - ON Semiconductor ADP3430 Datasheet HTML 9Page - ON Semiconductor ADP3430 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ADP3430
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (VCC = 12 V, FBRTN = GND, TA = 0°C to 85°C unless otherwise noted) (Note 1)
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
Current Sense Amplifier cont.
Output Current
ICSCOMP
500
mA
Current Limit Latchoff Delay Time
tOC(DELAY)
CDELAY = 10 nF
8.0
ms
Current Balance Amplifier
Common−Mode Range (Note 2)
VSW(X)CM
−600
+200
mV
Input Resistance
RSW(X)
SW(X) = 0 V
10
17
26
kW
Input Current
ISW(X)
SW(X) = 0 V
8
12
20
mA
Input Current Matching
DISW(X)
SW(X) = 0 V
−4.0
+4.0
%
IMON Output
Clamp Voltage
1.0
1.15
V
Current Gain
(IMONCURRENT) / (ILIMITCURRENT),
RILIM = RIMON = 8.0 kW, PSI = HIGH
9.0
10
11
Output Current
800
mA
Offset
VCSREF − VILIMIT
1.2
mV
Current Limit Comparator
Current Limit Threshold Current
ICL
4/3 x IIREF
17.7
20
22.3
mA
Delay Timer
Normal Mode Output Current
IDELAY
IDELAY = IIREF
12
15
18
mA
Output Current in Current Limit
IDELAY(CL)
IDELAY(CL) = 0.25 x IIREF
3.0
3.75
4.5
mA
Threshold Voltage
VDELAY(TH)
1.6
1.7
1.8
V
Soft−Start
Output Current
ISS
During startup
13.5
17.5
21.5
mA
Soft−Start slew rate
dv/dt
Css = 8.2 nF
2.0
mV/ms
Enable Input
Input Low Voltage
VIL(EN)
300
mV
Input High Voltage
VIH(EN)
800
mV
Input Current
IIN(EN)
−1.0
mA
Delay Time
tDELAY(EN)
EN > 800 mV, CDELAY = 10 nF
1.0
ms
OD and ODN Output
Output Low Voltage
VOL(OD)
VOL(ODN)
IOD(SINK) = −400 mA
IODN(SINK) = −400 mA
160
500
mV
Output High Voltage
VOH(OD)
VOH(ODN)
IOD(SOURCE) = 400 mA,
IODN (SOURCE) = 400 mA
4.0
5.0
V
OD Pull−Down Resistor
60
kW
Thermal Throttling Control
TTSNS Voltage Range
Internally limited
0
5.0
V
TTSNS Bias Current
−133
−123
−113
mA
TTSNS VRHOT Threshold Voltage
715
760
805
mV
TTSNS Hysteresis
50
mV
VRHOT Output Low Voltage
VOL(VRHOT)
IVRHOT(SINK) = −4 mA, TTSNS = 5 V
150
300
mV
Power−Good Comparator
Undervoltage Threshold
VPWRGD(UV) Relative to nominal DAC output
−400
−350
−300
mV
Overvoltage Threshold
VPWRGD(OV) Relative to nominal DAC output
100
150
200
mV
Output Low Voltage
VOL(PWRGD) IPWRGD(SINK) = −4 mA
150
300
mV
Power−Good Delay Time During
Soft−Start
CDELAY = 10 nF
1.0
ms
1. All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2. Guaranteed by design or bench characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com