Electronic Components Datasheet Search
  English  ▼

X  

ADP3430 Datasheet(PDF) 11 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ADP3430 Datasheet HTML 7Page - ON Semiconductor ADP3430 Datasheet HTML 8Page - ON Semiconductor ADP3430 Datasheet HTML 9Page - ON Semiconductor ADP3430 Datasheet HTML 10Page - ON Semiconductor ADP3430 Datasheet HTML 11Page - ON Semiconductor ADP3430 Datasheet HTML 12Page - ON Semiconductor ADP3430 Datasheet HTML 13Page - ON Semiconductor ADP3430 Datasheet HTML 14Page - ON Semiconductor ADP3430 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ADP3430
http://onsemi.com
11
If the IMON and OCP are then desired to be changed based
on the TDC of the CPU, the ILIM resistor is the only
component that needs to be changed. If the IMON scaling is
the only desired change, then just changing the IMON resistor
accomplishes this.
The IMON pin also includes an active clamp to limit the
IMON voltage to 1.15 V MAX yet maintaining 1.0 V MIN
full−scale accurate reporting.
Power−Good Monitoring
The power−good comparator monitors the output voltage
via the CSREF pin. The PWRGD pin is an open−drain
output whose high level, when connected to a pullup
resistor, indicates that the output voltage is within the
nominal limits specified based on the VID voltage setting.
PWRGD goes low if the output voltage is outside of this
specified range, if the VID DAC inputs are in no CPU mode,
or if the EN pin is pulled low.
The PWRGD circuitry also incorporates an initial turn−on
delay time (TD5), based on the DELAY timer. Prior to the
SS voltage reaching the programmed VID DAC voltage and
the PWRGD masking−time finishing, the PWRGD pin is
held low. Once the SS pin is within 100 mV of the
programmed DAC voltage, the capacitor on the DELAY pin
begins to charge. A comparator monitors the DELAY
voltage and enables PWRGD when the voltage reaches
1.7 V. The PWRGD delay time is, therefore, set by a current
of 15
mA, charging a capacitor from 0 V to 1.7 V.
High Frequency Current Balance
Randomization for phases is implemented, in order to
prevent high frequency current/thermal imbalance due to
load and voltage regulator synchronization.
Power State Indicator
The PSI pin is used as an input to determine the operating
power state of the load. If this pin is pulled low, the controller
knows the load is in a low power state and it takes the ODN
signal low, which can be used to disable phases for increased
efficiency. PSI supports OTF change.
One additional feature of the ADP3430 is the internal
current limit threshold is changed when PSI is pulled low.
The current limit threshold is reduced by 2/3 such that the
same per phase average current limit is maintained to protect
the components in the system.
Figure 7. Efficiency Comparison (PSI High vs. Low)
(Vin = 12 V, Vo = 1.51875 V, Fs = 375 kHz)
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0
10
2030
4050
6070
80
Load Current (A)
3−Phase (PSI High)
2−Phase (PSI Low)
Output Crowbar
To protect the load and output components of the supply,
the PWM outputs are driven low, which turns on the
low−side MOSFETs when the output voltage exceeds the
upper crowbar threshold. This crowbar action stops once the
output voltage falls below the release threshold of
approximately 375 mV.
Turning on the low−side MOSFETs pulls down the output
as the reverse current builds up in the inductors. If the output
overvoltage is due to a short in the high−side MOSFET, this
action current limits the input supply or blows its fuse,
protecting the microprocessor from being destroyed.
Output Enable and UVLO
For the ADP3430 to begin switching, the input supply
current to the controller must be higher than the UVLO
threshold and the EN pin must be higher than its 0.8 V
threshold. This initiates a system startup sequence. If either
UVLO or EN is less than their respective thresholds, the
ADP3430 is disabled. This holds the PWM outputs at
ground, shorts the DELAY capacitor to ground, and the
forces PWRGD and OD signals low.
In the application circuit, the OD pin should be connected
to the OD input of the external driver for the phase that is
always on (phase 1 and 2) while the ODN pin should be
connected to the OD input on the external drivers of the
phase 3. Grounding OD and ODN disable the drivers such
that both DRVH and DRVL are grounded. This feature is
important in preventing the discharge of the output
capacitors when the controller is shut off. If the driver
outputs are not disabled, a negative voltage can be generated
during output due to the high current discharge of the output
capacitors through the inductors.
Thermal Monitoring
The ADP3430 includes a thermal monitoring circuit to
detect when a point on the VR has exceeded a user−defined
temperature. The thermal monitoring circuit requires an
NTC thermistor to be placed between TTSNS and GND.
A fixed current of 123
mA is sourced out of the TTSNS pin
and into the thermistor. The current source is internally
limited to 5.0 V. An internal circuit compares the TTSNS
voltage to a 0.81 V threshold, and outputs an open−drain
signal at the VRHOT output. Once the voltage on the
TTSNS pin drops below its threshold, the open−drain output
asserts high to signal the system that an overtemperature
event has occurred. Because the TTSNS voltage changes
slowly with respect to time, 55 mV of hysteresis is built into
this comparator. The thermal monitoring circuitry does not
depend on EN and is active when UVLO is above its
threshold. When UVLO is below its threshold, VRHOT is
forced low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com