Electronic Components Datasheet Search
  English  ▼

X  

AS3649 Datasheet(PDF) 9 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 9 Page - ams AG

Back Button AS3649 Datasheet HTML 5Page - ams AG AS3649 Datasheet HTML 6Page - ams AG AS3649 Datasheet HTML 7Page - ams AG AS3649 Datasheet HTML 8Page - ams AG AS3649 Datasheet HTML 9Page - ams AG AS3649 Datasheet HTML 10Page - ams AG AS3649 Datasheet HTML 11Page - ams AG AS3649 Datasheet HTML 12Page - ams AG AS3649 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
www.ams.com/AS3649
1.0-2
9 - 39
AS3649
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
VVIN = 3.7V, TA = +25ºC (unless otherwise specified)
Figure 4. DCDC Efficiency vs. VVIN
Figure 5. Application Efficiency (PLED/PVIN) vs. VVIN
60
65
70
75
80
85
90
95
100
2.83.0
3.2
3.4
3.63.8
4.04.2
4.4
Input Voltage (V)
ILED = 2500mA, VFLED=3.55V (2 LEDs)
ILED = 2000mA, VFLED=3.45V (2 LEDs)
ILED = 1600mA, VFLED=3.7V (1 LED)
ILED = 1600mA / dcdc_skip_enable=0
ILED = 1000mA, VFLED=3.45V (1 LED)
60
65
70
75
80
85
90
2.83.0
3.2
3.4
3.63.8
4.04.2
4.4
Input Voltage (V)
ILED = 2500mA, VFLED=3.55V (2 LEDs)
ILED = 2000mA, VFLED=3.45V (2 LEDs)
ILED = 1600mA, VFLED=3.7V (1 LED)
ILED = 1600mA / dcdc_skip_enable=0
ILED = 1000mA, VFLED=3.45V (1 LED)
Figure 6. Battery Current vs. VVIN
Figure 7. Efficiency at low currents (298mA/100mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.83.0
3.2
3.4
3.63.8
4.04.2
4.4
Input Voltage (V)
ILED = 2500mA, VFLED=3.55V (2 LEDs)
ILED = 2000mA, VFLED=3.45V (2 LEDs)
ILED = 1600mA, VFLED=3.7V (1 LED)
ILED = 1600mA / dcdc_skip_enable=0
ILED = 1000mA, VFLED=3.45V (1 LED)
limited by 3.7A
peak current setting
50
55
60
65
70
75
80
85
90
2.83.0
3.2
3.4
3.63.8
4.04.2
4.4
Input Voltage (V)
ILED = 298mA/1LED DCDC Efficiency
ILED = 298mA/1LED Application Efficiency
ILED = 100mA x 2 LEDs DCDC Efficiency
ILED = 100mA x 2 LEDs Application Efficiency
Figure 8. ILED Startup (ILED_OUT=1.0A)
Figure 9. IVIN, ILED Startup (ILED_OUT=800mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com