Electronic Components Datasheet Search
  English  ▼

X  

AS3649 Datasheet(PDF) 32 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 32 Page - ams AG

Back Button AS3649 Datasheet HTML 28Page - ams AG AS3649 Datasheet HTML 29Page - ams AG AS3649 Datasheet HTML 30Page - ams AG AS3649 Datasheet HTML 31Page - ams AG AS3649 Datasheet HTML 32Page - ams AG AS3649 Datasheet HTML 33Page - ams AG AS3649 Datasheet HTML 34Page - ams AG AS3649 Datasheet HTML 35Page - ams AG AS3649 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
AS3649
Datasheet - Detailed Descr i p ti on
www.ams.com/AS3649
1.0-2
32 - 39
8.10 Register Map
Table 23. Register Map
1
1. Always write’0’ to undefined register bits
Register Definition
Addr
Default
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0
ChipID
0
Cxh
fixed_id
version
Current Set LED1
1
9Ch
led_current1
Current Set LED2
2
9Ch
led_current2
TXMask
3
68h
flash_txmask_current
coil_peak
txmask_torch_mode
Low Voltage / NTC
4
84h
ntc_current
ntc_on
vin_low_v
Flash Timer
5
26h
flash_timeout
Control
6
00h
vcompl_adj
force_dcd
c_on
min_on_increase
mode_setting
Strobe Signalling /
ADC
7E0h
strobe_on strobe_ty
pe
dcdc_skip
_enable
adc_conv
ert
adc_channel
Fault
8
00h
fault_ovp fault_led_
short
fault_over
temp
fault_time
out
fault_txm
ask
fault_ntc
reserved status_uvl
o
PWM and Indicator
9
00h
const_v_
mode
load_bala
nce_on
freq_switc
h_on
inct_pwm
ADC Result
Ah
NA
adc_result
ADC Result LSBs
Bh
NA
adc_result_lsbs
Minimum LED Current
Eh
00h
led_current_min
Actual LED Current
Fh
00h
led_current_actual
Unlock Register
80h
00h
unlock
Current Boost
81h
00h
current_b
oost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com