Electronic Components Datasheet Search
  English  ▼

X  

AS3649 Datasheet(PDF) 25 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 25 Page - ams AG

Back Button AS3649 Datasheet HTML 21Page - ams AG AS3649 Datasheet HTML 22Page - ams AG AS3649 Datasheet HTML 23Page - ams AG AS3649 Datasheet HTML 24Page - ams AG AS3649 Datasheet HTML 25Page - ams AG AS3649 Datasheet HTML 26Page - ams AG AS3649 Datasheet HTML 27Page - ams AG AS3649 Datasheet HTML 28Page - ams AG AS3649 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
AS3649
Datasheet - Detailed Descr i p ti on
www.ams.com/AS3649
1.0-2
25 - 39
3
ntc_on
0R/W
Enable overtemperature protection on pin NTC (internal comparator
comparing NTC to VNTC_TH)
0
disabled
1
enabled
7:4
ntc_current
8h
R/W
Current through the NTC (INTC); it is enabled once the LED current
source (LED_OUT1/2) is operating and ntc_on=1 or the ADC measures
the LED temperature (see NTC - Flash LED Overtemperature Protection
on page 14)
0h
off;
can be used to use an external
current to bias the NTC
1h
40µA
2h
80µA
3h
120µA
4h
160µA
5h
200µA
6h
240µA
7h
280µA
8h
320µA - default
9h
360µA
Ah
400µA
Bh
440µA
Ch
480µA
Dh
520µA
Eh
560µA
Fh
600µA
Table 11. Low Voltage / NTC Register (Continued)
Addr: 4
Low Voltage / NTC Register
This register defines the operating mode with low battery voltages
Bit
Bit Name
Default
Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com