Electronic Components Datasheet Search
  English  ▼

X  

AS3649 Datasheet(PDF) 30 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 30 Page - ams AG

Back Button AS3649 Datasheet HTML 26Page - ams AG AS3649 Datasheet HTML 27Page - ams AG AS3649 Datasheet HTML 28Page - ams AG AS3649 Datasheet HTML 29Page - ams AG AS3649 Datasheet HTML 30Page - ams AG AS3649 Datasheet HTML 31Page - ams AG AS3649 Datasheet HTML 32Page - ams AG AS3649 Datasheet HTML 33Page - ams AG AS3649 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
AS3649
Datasheet - Detailed Descr i p ti on
www.ams.com/AS3649
1.0-2
30 - 39
4
load_balance_on
0R/W
Balance the current sources (up to +/-15% of set current) to improve
application efficiency for unmatched LED forward voltages - see Load
Balancing on page 17
0
disabled
1
enabled
5
const_v_mode
0R/W
Enables Constant output voltage mode
0
Normal operation defined by mode_setting
1
5V constant voltage mode on VOUT1/2;
LED current can be controlled by registers mode_setting,
led_current1 and led_current2 as in normal operating mode, but
the ramping up/down of the current sources is disabled
(instantaneous on/off of the LED current)
1. Using 31.5kHz modulation avoids audible noise on the output capacitor CVOUT
Table 17. ADC Result Register
Addr: Ah
ADC Result Register
This register reports the actual set LED current
Bit
Bit Name
Default
Access
Description
7:0
adc_result
NA
R
Result of ADC conversion for channel adc_channel
Table 18. ADC Result LSBs Register
Addr: Bh
ADC Result LSBs Register
This register reports the actual set LED current
Bit
Bit Name
Default
Access
Description
1:0
adc_result_lsbs
NA
R
Result of ADC conversion for channel adc_channel
Table 19. Minimum LED Current Register
Addr: Eh
Minimum LED Current Register
This register reports the minimum LED current from the last operation cycle
Bit
Bit Name
Default
Access
Description
7:0
led_current_min
123
00h
R
see Current Reduction by VIN Measurements in Flash Mode and
Diagnostic Pulse (see page 15) and Figure 20 on page 16
1. Only the current through LED_OUT1 is reported.
2. As the internal change of this register is asynchronous to the readout, it is recommended to readout the register after the flash pulse.
The register will store the minimum current through the LED after e.g. a previous flash. This current can be used for a subsequent flash
pulse for a safe operating range.
3. This register is only set if an actual current reduction happens (status_uvlo (see page 28)=1) otherwise led_current_min=0.
Table 16. PWM and Indicator Register (Continued)
Addr: 9
PWM and Indicator Register
This register defines the PWM mode (e.g. for indicator) and 4/1MHz mode switching
Bit
Bit Name
Default
Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com