Electronic Components Datasheet Search
  English  ▼

X  

AS3649 Datasheet(PDF) 11 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 11 Page - ams AG

Back Button AS3649 Datasheet HTML 7Page - ams AG AS3649 Datasheet HTML 8Page - ams AG AS3649 Datasheet HTML 9Page - ams AG AS3649 Datasheet HTML 10Page - ams AG AS3649 Datasheet HTML 11Page - ams AG AS3649 Datasheet HTML 12Page - ams AG AS3649 Datasheet HTML 13Page - ams AG AS3649 Datasheet HTML 14Page - ams AG AS3649 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
AS3649
Datasheet - Detailed Descr i p ti on
www.ams.com/AS3649
1.0-2
11 - 39
8 Detailed Description
The AS3649 is a high performance DCDC step up converter with internal PMOS and NMOS switches. Its output is connected to one or two flash
LEDs
1 with two internal current sources and hardware LED temperature protection using an external NTC. The device is controlled by the pins
SDA and SCL in I
2C mode and includes a hardware reset input ON.
The actual operating mode like standby, torch light, indicator or flash mode, can then be chosen by the interface. If not in standby mode, the
device automatically enters shutdown and resets all registers by setting pin ON=0.
The AS3649 includes a fixed frequency DCDC step-up with accurate startup control. Together with the current source (on LED_OUT1/2) it
includes several protection and safety functions.
8.1 Internal Circuit Diagram
Figure 16. Internal Circuit Diagram
8.2 Softstart / Soft ramp down
During startup and ramp down the LED current is smoothly ramped up and ramped down. If the DCDC converter goes out of regulation
(measured by monitoring the voltage across the current sources), the ramp up is temporarily stopped in order for the DCDC to return to
regulation
2.
1. If two LEDs are connected, it is possible to operate each of the two LEDs individually as the LED current can be
selected individually.
2. The actual value of the LED current setting can be readout by the register led_current_actual (see page 31) to allow
the camera processor to adopt to the actual operating conditions.


! 
"
! 
#
!
$%
&
&
!
'
 ((
)*(+)
(,-(
-+''.-
 
(&
+
/*
.
0!

! 
 " %
-1,(,-
.
,-
2
2
-1,
 
2
3
(&+
(,-
'
4

("
.
 (
(1&5'
66&5'

!
/
*
,7
"
!
3'6(


%

" 

! 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com