Electronic Components Datasheet Search
  English  ▼

X  

AS3649 Datasheet(PDF) 23 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 23 Page - ams AG

Back Button AS3649 Datasheet HTML 19Page - ams AG AS3649 Datasheet HTML 20Page - ams AG AS3649 Datasheet HTML 21Page - ams AG AS3649 Datasheet HTML 22Page - ams AG AS3649 Datasheet HTML 23Page - ams AG AS3649 Datasheet HTML 24Page - ams AG AS3649 Datasheet HTML 25Page - ams AG AS3649 Datasheet HTML 26Page - ams AG AS3649 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
AS3649
Datasheet - Detailed Descr i p ti on
www.ams.com/AS3649
1.0-2
23 - 39
Table 9. Current Set LED2 Register
Addr: 2
Current Set LED2 Register
This register defines design versions
Bit
Bit Name
Default
Access
Description
7:0
led_current2
9Ch
R/W
Define the current on pin LED_OUT2;
torch mode uses bits 5:0 of this current setting (max. 1/4 of full current
setting)
indicator or low current pwm mode uses only 5:0 of this current setting
(max. 1/4 of full current setting)
Note: Always keep led_current1 >= led_current2
0h
0mA
1h
7.8mA
2h
11.7mA
...
...
3Fh
250mA (maximum current for torch light mode, indicator or low
current pwm mode,
mode_setting=01 or 10)
...
...
7Fh
500mA
...
...
9Ch
613.3mA - default setting
...
...
FEh
996mA (1245mA
1 if current_boost=1)
FFh
1000mA (1250mA
1 if current_boost=1)
1. Only use current_boost=1 for currents > 1000mA(code >= CCh)
Table 10. TXMask Register
Addr: 3
TXMask Register
This register defines the TXMask settings and coil peak current
Bit
Bit Name
Default
Access
Description
1:0
txmask_torch_mode
00
R/W
Defines operating mode for input pin TXMASK/TORCH
00
pin has no effect
01
txmask-mode; during flash if TXMASK/TORCH=1, the LED
current is set to flash_txmask_current - (see TXMASK on page
15)
10
external torch mode: if TXMASK/TORCH=1 and
mode_setting=00, the AS3649is set into external torch mode
(LED current is defined by the 6LSB
1 bits of led_current1 and
led_current2)
11
don’t use
3:2
coil_peak
10
R/W
Defines the maximum coil current (parameter ILIMIT)
00
ILIMIT = 2.5A
01
ILIMIT = 2.9A
10
ILIMIT = 3.3A
11
ILIMIT = 3.7A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com