Electronic Components Datasheet Search
  English  ▼

X  

AS3649 Datasheet(PDF) 35 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 35 Page - ams AG

Back Button AS3649 Datasheet HTML 31Page - ams AG AS3649 Datasheet HTML 32Page - ams AG AS3649 Datasheet HTML 33Page - ams AG AS3649 Datasheet HTML 34Page - ams AG AS3649 Datasheet HTML 35Page - ams AG AS3649 Datasheet HTML 36Page - ams AG AS3649 Datasheet HTML 37Page - ams AG AS3649 Datasheet HTML 38Page - ams AG AS3649 Datasheet HTML 39Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
AS3649
Datasheet - Application In form atio n
www.ams.com/AS3649
1.0-2
35 - 39
9.2 PCB Layout Guideline
The high speed operation requires proper layout for optimum performance. Route the power traces first and try to minimize the area and wire
length of the two high frequency/high current loops:
Loop1: CVIN/CVIN2 - LDCDC - pin SW1/2 - pin GND - CVIN/CVIN2
Loop2: CVIN/CVIN2 - LDCDC - pin SW1/2 - pin VOUT1/2 - CVOUT - pin GND - CVIN/CVIN2
At the pin GND a single via (or more vias, which are closely combined) connects to the common ground plane. This via(s) will isolate the DCDC
high frequency currents from the common ground (as most high frequency current will flow between Loop1 and Loop2 and will not pass the
ground plane) - see the ‘island’ in Figure 31.
Figure 31. Layout Recommendation
Note: If component placement rules allow, move all components close to the AS3649 to reduce the area and length of Loop1 and Loop2.
It is recommended to use the main ground plane for the LED ground connections (improved thermal performance of the LEDs) - it is
recommend to use a separate ground line as shown Figure 31 for the ground connection of the NTC (this avoids errors for the temper-
ature measurement of the LEDs due to the high LED current in the main ground plane).
Keep the LED path (from pin LED_OUT1/2 to the LED and the ground return path) below 10cm (represents an inductance of less than
100nH).
An additional 100nF (e.g. Murata GRM155R61C104, >50nF @ 3V, 0402 size) capacitor CVIN2 in parallel to CVIN is recommended to filter high
frequency noise for the power supply of AS3649. This capacitor should be as close as possible to the AGND/VIN pins of AS3649.

 
   
 
 
  


 !"#
  $
%
  & $  $ $
'
 $  
 (

  )$  ) 

  

 !"#

**
+,-./,-0
1
*
234 
)
 


)



"-.
"-..

234 ,
*
/  2+1
$
 5  *
,-"
,
*4 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com