Electronic Components Datasheet Search
  English  ▼

X  

AS3649 Datasheet(PDF) 20 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 20 Page - ams AG

Back Button AS3649 Datasheet HTML 16Page - ams AG AS3649 Datasheet HTML 17Page - ams AG AS3649 Datasheet HTML 18Page - ams AG AS3649 Datasheet HTML 19Page - ams AG AS3649 Datasheet HTML 20Page - ams AG AS3649 Datasheet HTML 21Page - ams AG AS3649 Datasheet HTML 22Page - ams AG AS3649 Datasheet HTML 23Page - ams AG AS3649 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
AS3649
Datasheet - Detailed Descr i p ti on
www.ams.com/AS3649
1.0-2
20 - 39
Data Valid. The state of the data line represents valid data when, after a START condition, the data line is stable for the duration of the HIGH
period of the clock signal. The data on the line must be changed during the LOW period of the clock signal. There is one clock pulse per bit of
data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of data bytes transferred between
START and STOP conditions are not limited, and are determined by the master device. The information is transferred byte-wise and each
receiver acknowledges with a ninth bit.
Acknowledge. Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each byte. The master
device must generate an extra clock pulse that is associated with this acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line is stable LOW
during the HIGH period of the acknowledge-related clock pulse. Of course, setup and hold times must be taken into account. A master must
signal an end of data to the slave by not generating an acknowledge bit on the last byte that has been clocked out of the slave. In this case, the
slave must leave the data line HIGH to enable the master to generate the STOP condition.
Figure 27. Data Transfer on I
2C Serial Bus
Depending upon the state of the R/W bit, two types of data transfer are possible:
1. Data transfer from a master transmitter to a slave receiver. The first byte transmitted by the master is the slave address. Next
follows a number of data bytes. The slave returns an acknowledge bit after each received byte. Data is transferred with the most
significant bit (MSB) first.
2. Data transfer from a slave transmitter to a master receiver. The master transmits the first byte (the slave address). The slave then
returns an acknowledge bit, followed by the slave transmitting a number of data bytes. The master returns an acknowledge bit after all
received bytes other than the last byte. At the end of the last received byte, a “not acknowledge” is returned. The master device
generates all of the serial clock pulses and the START and STOP conditions. A transfer is ended with a STOP condition or with a
repeated START condition. Since a repeated START condition is also the beginning of the next serial transfer, the bus is not released.
Data is transferred with the most significant bit (MSB) first.
The AS3649 can operate in the following two modes:
1. Slave Receiver Mode (Write Mode): Serial data and clock are received through SDA and SCL. After each byte is received an
acknowledge bit is transmitted. START and STOP conditions are recognized as the beginning and end of a serial transfer. Address
recognition is performed by hardware after reception of the slave address and direction bit (see Figure 28). The slave address byte is
the first byte received after the master generates the START condition. The slave address byte contains the 7-bit AS3649 address,
which is 0110000, followed by the direction bit (R/W), which, for a write, is 0.
13 After receiving and decoding the slave address byte the
device outputs an acknowledge on the SDA line. After the AS3649 acknowledges the slave address + write bit, the master transmits a
SLAVE
ADDRESS
ACKNOWLEDGEMENT SIG-
NAL FROM RECEIVER
ACKNOWLEDGEMENT SIG-
NAL FROM RECEIVER
REPEATED IF MORE
BYTES ARE TRANS-
FERRED
STOP CONDITION
OR REPEATED
START CONDITION
START
CONDITION
SCL
SDA
MSB
R/W
DIRECTION
BIT
ACK
1
2
6
78
9
1
2
3-7
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com