Electronic Components Datasheet Search
  English  ▼

X  

AS3649 Datasheet(PDF) 34 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 34 Page - ams AG

Back Button AS3649 Datasheet HTML 30Page - ams AG AS3649 Datasheet HTML 31Page - ams AG AS3649 Datasheet HTML 32Page - ams AG AS3649 Datasheet HTML 33Page - ams AG AS3649 Datasheet HTML 34Page - ams AG AS3649 Datasheet HTML 35Page - ams AG AS3649 Datasheet HTML 36Page - ams AG AS3649 Datasheet HTML 37Page - ams AG AS3649 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
AS3649
Datasheet - Application In form atio n
www.ams.com/AS3649
1.0-2
34 - 39
9.1.3 Inductor LDCDC
The fast switching frequency (4MHz) of the AS3649 allows for the use of small SMDs for the external inductor. The saturation current
ISATURATION should be chosen to be above the maximum value of ILIMIT
15. The inductor should have very low DC resistance (DCR) to reduce
the I
2R power losses - high DCR values will reduce efficiency.
If a different inductor is chosen, ensure similar DCR values and at least0.6µH inductance at ILIMIT.
9.1.4 Thermistor (NTC)
The NTC is used to protect the LED against overheating (hardware protection inside the AS3649, which works without any software - see NTC -
Flash LED Overtemperature Protection on page 14).
The thermistor has to be thermally coupled to the LED (and therefore as close as possible to the LED) and it shall not share the same ground
connection as the LED return ground (if they share the same ground connection the high current through the LED will offset the measurement of
the NTC).
It is recommended to use 220k
 resistance for a detection threshold of 125ºC, 100k for 110ºC and 68k for 80ºC LED temperature detection
threshold.
15.Can be adjusted in I2C mode with register coil_peak (see page 23)
Table 26. Recommended Inductor
Part Number
L
DCR
ISATURATION
Size
Manufacturer
LQM32PN1R0MG0
1.0µH
>0.6µH @ 3.0A
60m
3.0A
1
1. Flash pattern: 200ms/3A, 200ms pause, 200ms/3A, 2s then repeat again (no limit on the number of total cycles)
Alternative pattern with 1000ms/1.6A, 200ms pause, 200ms/3A, 200ms pause, 200ms/3A, 2s then repeat again. (no limit on the number
of total cycles). Use only up to coil_peak=2.9A setting
3.2x2.5x0.9mm
max 1.0mm
height
Murata
www.murata.com
SPM4012T-1R0M
1.0µH +/-20%
38m
4.57A
4.4x4.1x1.2
mm
height is max
TDK
www.tdk.com
SPM3012T-1R0M
1.0µH +/-20%
57m
+/-10%
3.4A
2
2. Inductance changes by -30%, use only up to coil_peak=3.3A setting
3.2x3x1.2
mm
height is max
CIG32W1R0MNE
1.0µH
>0.7µH @ 2.7A
>0.6µH @ 3.0A
60m
+/-25%
3.0A
4
3.2x2.5mm
max 1.0mm
height
Samsung Electro-Mechancs
www.sem.samsung.co.kr
CKP3225N1R0M
1.0µH
>0.6µH @ 3.0A
<60m
3.0A
4
3.2x2.5x0.9mm
max 1.0mm
height
Taiyo Yuden
www.t-yuden.com
NRH2412T1R0N
1.0µH
>0.6µH @ 2.5A
77m
2.5A
3
3. Use only for coil_peak=2.5A setting.
2.4x2.4x1.2mm
(height is max.)
MAMK2520T1R0M
1.0µH
>0.6µH @ 2.75A
45m
3.1A
4
4. Use only up to coil_peak=2.9A setting.
2.5x2.0x1.2mm
height is max
Table 27. Recommended Thermistors
Part Number
Resistance @ 25ºC
B-constant 25/50ºC
Size
Manufacturer
NCP03WL224E05RL
220k
 +/-3%
4485K +/-1%
0201
Murata
www.murata.com
NCP03WL104E05RL
100k
 +/-3%
4485K +/-1%
NCP15WF104F03RC
100k
0402
NCP15WL683J03RC
68k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com