Electronic Components Datasheet Search
  English  ▼

X  

AS3649 Datasheet(PDF) 16 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 16 Page - ams AG

Back Button AS3649 Datasheet HTML 12Page - ams AG AS3649 Datasheet HTML 13Page - ams AG AS3649 Datasheet HTML 14Page - ams AG AS3649 Datasheet HTML 15Page - ams AG AS3649 Datasheet HTML 16Page - ams AG AS3649 Datasheet HTML 17Page - ams AG AS3649 Datasheet HTML 18Page - ams AG AS3649 Datasheet HTML 19Page - ams AG AS3649 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
AS3649
Datasheet - Detailed Descr i p ti on
www.ams.com/AS3649
1.0-2
16 - 39
A mobile phone camera flash system can trigger a diagnostic flash and a main-flash:
The diagnostic flash is initiated by the processor. After this diagnostic flash, the determined maximum flash current can be read back through the
I
2C interface from register led_current_min (see page 30) and used for the setting for the main flash. Therefore the current in the main-flash is
constant and additionally the camera system can use this current for picture quality adjustments - the waveforms for this concept are shown in
Figure 20:
Figure 20. Low Voltage Current Reduction Waveform with Diagnostic-Flash and Main-Flash Phase
Short Diagnostic Pulse.
If the diagnostic flash should be short (e.g. 4ms) it is recommended to operate this diagnostic flash at a different vcompl_adj (see page 27) and
higher vin_low_v (see page 24) settings compared to the main flash as shown in Figure 21:
Figure 21. Low Voltage Current Reduction Waveform with Short Diagnostic-Flash and Main-Flash Phase

   

  
 
 
!"  #

$" 
%   
"
" 

    
% %" 
"  "
& '  
(  
"  "
   
! #


 

  
 !"  " ""
 ""# $
"#   "%" &'
" "#"%
(!")" "# $*+
"""""""  
,!")"%%-"" 
" &'"" ." "
" " "/-"  
 ""#  $
0!" " "/ "%#" 
"%"#"%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com