Electronic Components Datasheet Search
  English  ▼

X  

AS3649 Datasheet(PDF) 14 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 14 Page - ams AG

Back Button AS3649 Datasheet HTML 10Page - ams AG AS3649 Datasheet HTML 11Page - ams AG AS3649 Datasheet HTML 12Page - ams AG AS3649 Datasheet HTML 13Page - ams AG AS3649 Datasheet HTML 14Page - ams AG AS3649 Datasheet HTML 15Page - ams AG AS3649 Datasheet HTML 16Page - ams AG AS3649 Datasheet HTML 17Page - ams AG AS3649 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
AS3649
Datasheet - Detailed Descr i p ti on
www.ams.com/AS3649
1.0-2
14 - 39
8.4.5 Flash Timeout
If the flash is started a timeout timer is started in parallel. If the flash duration defined by the STROBE input (strobe_on=1 and strobe_type=1,
see Figure 25 on page 18) exceeds tFLASHTIMEOUT (adjustable by register flash_timeout (see page 26)), the DCDC is stopped and the flash
current sources (on pin LED_OUT1/2) are disabled (ramping down) and fault_timeout is set.
If the flash duration is defined by the timeout timer itself (strobe_on = 0, see Figure 23 on page 17), the register fault_timeout is set after the flash
has been finished.
8.4.6 Supply Undervoltage Protection
If the voltage on the pin VIN (=battery voltage) is or falls below VUVLO, the AS3649 is kept in shutdown state and all registers are set to their
default state.
8.4.7 NTC - Flash LED Overtemperature Protection
The ntc_on (see page 25)=1, the flash LED is protected by the AS3649 using an internal comparator connected to NTC and an current source
controlled by ntc_current (see page 25) (VNTC_TH, INTC as shown in Figure 16, “Internal Circuit Diagram,” on page 11); once it is triggered, the
DCDC is stopped, the current sources are disabled (instantaneous) and the bit fault_ntc (see page 28) is set.
As the external NTC cannot measure the LED temperature in real time during a high current flash pulse (the duration from heating up of the LED
until the NTC recognizes a too hot LED is usually too long), it is advisable to measure the LED temperature before the flash pulse (with the ADC
(see page 19) and ntc_current (see page 25)) and judge how much current can be driven through the LED (to be estimated depending on LED
heat sink and is usually specified by the LED manufacturer).
8.5 Operating Mode and Currents
The output currents and operating mode currents are selected according to the following table:
Table 5. Operating Mode and Current Settings
AS3649 Configuration
Operating Mode and Currents
mode_s
etting
(see
page 26)
Condition
Mode
LED_OUT1/2
Output current
XX
X
X
Shutdown
All registers are reset to their
default values
0
XX
00
txmask_torch_mode (see page
23) not 10
standby
0
0X
txmask_torch_mode =10
1X
txmask_torch_mode =10
external torch mode
LED current is defined by the 6LSB
1
bits of led_current1 and led_current2
XX
01
indicator mode or
low current pwm mode
2
LED current is defined by the 6LSB
bits (bits 5...0) of led_current1 and
led_current2 pwm modulated defined
by register inct_pwm
(31.5kHz: 1/16...4/16) or 7.9kHz: 1/
64...3/64)
X
X
10
torch light mode
LED current is defined by the 6LSB
2
bits (5...0) of led_current1 and
led_current2
XX
11
strobe_on (see page 28) = 0
flash mode;
flash duration defined by
flash_timeout (see page 26) LED current is defined by led_current1
and led_current2 - the current can be
reduced during flash, see Flash Current
Reductions below
X0->1
strobe_on = 1 and strobe_type
(see page 28) = 0
X1
strobe_on = 1 and
strobe_type = 1
flash mode;
flash duration defined by
STROBE input; timeout
defined by flash_timeout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com