Electronic Components Datasheet Search
  English  ▼

X  

SL13A Datasheet(PDF) 7 Page - ams AG

Part # SL13A
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A Datasheet(HTML) 7 Page - ams AG

Back Button SL13A Datasheet HTML 3Page - ams AG SL13A Datasheet HTML 4Page - ams AG SL13A Datasheet HTML 5Page - ams AG SL13A Datasheet HTML 6Page - ams AG SL13A Datasheet HTML 7Page - ams AG SL13A Datasheet HTML 8Page - ams AG SL13A Datasheet HTML 9Page - ams AG SL13A Datasheet HTML 10Page - ams AG SL13A Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL13A – 7
El ec trical Charac t e ristics
Note(s) and/or Footnote(s):
1. VEXT is rectified RF voltage, for power supply of external circuits. It is limited to 3.4V, when enough signal is present on the coil. The
maximum output current is 5mA and is dependent on the strength of the RF field.
2. Limits are 100% production tested at TA = 35°C. Limits over the operating temperature range are guaranteed by design.
3. During calibration on wafer sort, the chuck temperature variation is ±0.5°C, which amounts to the major part of the accuracy error.
4. The real time oscillator frequency is trimmed on wafer sort at 35°C.
tRTC-AF
Real-Time Clock, Accuracy
over the specified
temperature range
-3
+3
%
EWCYC
EEPROM Erase/Write Cycles
T = 25°C
10,000
Cycles
tDR
EEPROM Data Retention
Time
T = 55°C
10
Years
tE/W
EEPROM Erase/Write Time
TA =0º to 55°C
46
8
ms
CT
Internal Tuning Capacitor
Between ANT1 and
ANT2 pins
25
pF
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com