Electronic Components Datasheet Search
  English  ▼

X  

SL13A Datasheet(PDF) 37 Page - ams AG

Part # SL13A
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A Datasheet(HTML) 37 Page - ams AG

Back Button SL13A Datasheet HTML 33Page - ams AG SL13A Datasheet HTML 34Page - ams AG SL13A Datasheet HTML 35Page - ams AG SL13A Datasheet HTML 36Page - ams AG SL13A Datasheet HTML 37Page - ams AG SL13A Datasheet HTML 38Page - ams AG SL13A Datasheet HTML 39Page - ams AG SL13A Datasheet HTML 40Page - ams AG SL13A Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL13A – 37
Te mper a t ur e P e r f or manc e
The following graph shows the temperature conversion
nonlinearity of 8 SL13A devices.
Figure 27:
Integral Nonlinearity Graph
The measurements have been performed on the following
equipment:
• Environmental chamber: ESPEC SU-241
• Reference temperature sensor: Testo 735 (system
accuracy of 0.05ºC)
• Reference temperature probe: Testo High accuracy Pt100
probe (0614 0235)
For each temperature point, 100 measurements were taken
using the logging function of the SL13A chip. The RF field of the
reader has been turned off during the temperature logging.
Temperature Performance
-60
-40
-20
0
20
40
60
80
-2
-1,5
-1
-0,5
0
0,5
1
Integral nonlinearity
8 samples
E0 36 10 00 00 00 00 04
E0 36 02 00 00 00 00 05
E0 36 10 00 00 00 00 09
E0 36 10 00 00 00 00 0A
E0 36 10 00 00 00 00 0B
E0 36 10 00 00 00 00 0D
E0 36 10 00 00 00 00 0E
E0 36 10 00 00 00 00 0F
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com