Electronic Components Datasheet Search
  English  ▼

X  

SL13A Datasheet(PDF) 31 Page - ams AG

Part # SL13A
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A Datasheet(HTML) 31 Page - ams AG

Back Button SL13A Datasheet HTML 27Page - ams AG SL13A Datasheet HTML 28Page - ams AG SL13A Datasheet HTML 29Page - ams AG SL13A Datasheet HTML 30Page - ams AG SL13A Datasheet HTML 31Page - ams AG SL13A Datasheet HTML 32Page - ams AG SL13A Datasheet HTML 33Page - ams AG SL13A Datasheet HTML 34Page - ams AG SL13A Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL13A – 31
C o mmands
Out-of-Limits Counter
The Out-of-Limits counter can be used as an advanced alarm
mechanism. It is enabled in log format with temperature limits
and it will display the cumulative number of measurements that
are outside the specified limit. The application does not have
to read the whole EEPROM content in order to determine if the
temperature limits have been exceeded, just the Out-of-Limits
block. The Out-of-Limits counter block can be read out with the
Get Log State command.
Logging Timer
The SL13A device has an integrated RC oscillator that is
calibrated to 1024Hz. This oscillator drives the logging timer.
The logging timer resolution is 1 second, the maximum period
is 9.1 hours (32768 seconds).
The measurement real time is derived from 4 parameters - the
Start time (ST ), the Delay time (DT ), the measurement period
(MP) and the # of the measurement (NM). This value has to be
calculated in the reader by the equation:
Real time = ST+DT+MP*NM
Delay Time
The SL13A supports delayed start of the logging procedure. The
Delay time has a resolution of 8.53 minutes and a maximum
value of 582 hours (12 bits). The delay time value is set with the
Initialize command, while the Delay time counter starts
counting when the device receives the Start Log command.
Temperature Conversion
The calibration data does not have to be included in the
temperature conversion equation. The temperature value is
calculated as:
T(ºC) = code*0.169 – 92.7 – 5.4
LSB = 0.169ºC
offset = -92.7ºC
offset calibration = 0.169 * 32 = 5.4ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com