Electronic Components Datasheet Search
  English  ▼

X  

SL13A Datasheet(PDF) 35 Page - ams AG

Part # SL13A
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A Datasheet(HTML) 35 Page - ams AG

Back Button SL13A Datasheet HTML 31Page - ams AG SL13A Datasheet HTML 32Page - ams AG SL13A Datasheet HTML 33Page - ams AG SL13A Datasheet HTML 34Page - ams AG SL13A Datasheet HTML 35Page - ams AG SL13A Datasheet HTML 36Page - ams AG SL13A Datasheet HTML 37Page - ams AG SL13A Datasheet HTML 38Page - ams AG SL13A Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL13A – 35
Memor y M a p O v er view
Figure 25:
System Area
Block
Bits
Description
00
00...31
UID lower bits
01
00...31
UID higher bits
02
0
1
2...15
16...23
24...31
AFI/DSFID block
DSFID lock bit
AFI lock bit
TBD
DSFID (Data Storage Format Identifier)\
AFI (Application Family Identifier)
03
0...7
8...15
16...23
24...31
Chip info
Block size
Number of blocks
Chip revision number - IC reference
TBD
04
0...31
Reserved
05
0...4
5...7
8
9...16
17...18
19
20
21
22
23...24
25
26...31
Internal Calibration data
Reference voltage calibration
Bandgap reference calibration
Reference voltage calibration MSB1
RTC oscillator calibration
Low POR calibration - 1.5V battery
Enable battery voltage switch to CE pin
High POR calibration - 3V battery
Bandgap reference calibration LSB
TBD
3MHz oscillator calibration
Reference voltage calibration MSB2
A/D offset calibration
06
0...31
External calibration data
07
0...31
Reserved
08
0...5
6...11
12...16
17...21
22...25
26...31
Start time - suggested Start time format
(YYYY-MM-DD-hh:mm:ss)
second
minute
hour
day
month
year
09
0...9
10...19
20...29
30...31
Limits
Extreme lower limit
Lower limit
Upper limit
TBD
Memory Map Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com