Electronic Components Datasheet Search
  English  ▼

X  

SL13A Datasheet(PDF) 12 Page - ams AG

Part # SL13A
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A Datasheet(HTML) 12 Page - ams AG

Back Button SL13A Datasheet HTML 8Page - ams AG SL13A Datasheet HTML 9Page - ams AG SL13A Datasheet HTML 10Page - ams AG SL13A Datasheet HTML 11Page - ams AG SL13A Datasheet HTML 12Page - ams AG SL13A Datasheet HTML 13Page - ams AG SL13A Datasheet HTML 14Page - ams AG SL13A Datasheet HTML 15Page - ams AG SL13A Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
SL13A – 12
ams Datasheet: 2014-May-06 [v1-01]
F u nc ti ona l Descriptio n
Passive State
In passive mode, the chip waits for the presence of an RF field
or for CE signal to go high. Current consumption from the
battery in passive mode is <300nA.
Figure 10:
Overview of Operation States
State
CE
Description
IBAT (Typ.)
Power from AFE
Passive
Low
Chip in passive state
No current into VBAT
<0.1 μA
No
Serial
High
Enables initializing and executing of all
commands via the SPI bus
No
Ready
Low
Chip is initialized and all commands can be
executed via the reader
Yes
Active
Low
RTC running
Sensor standby
3 μA
No
Logging
Low
Sensor reading (on-chip temperature sensor,
battery voltage level and/or external sensor
through the SEXT pin)
Measured data stored in EEPROM
RTC time stored in EEPROM
100 μA
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com