Electronic Components Datasheet Search
  English  ▼

X  

SL13A Datasheet(PDF) 11 Page - ams AG

Part # SL13A
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A Datasheet(HTML) 11 Page - ams AG

Back Button SL13A Datasheet HTML 7Page - ams AG SL13A Datasheet HTML 8Page - ams AG SL13A Datasheet HTML 9Page - ams AG SL13A Datasheet HTML 10Page - ams AG SL13A Datasheet HTML 11Page - ams AG SL13A Datasheet HTML 12Page - ams AG SL13A Datasheet HTML 13Page - ams AG SL13A Datasheet HTML 14Page - ams AG SL13A Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL13A – 11
Fu n c t i o n a l D e s c r i p t i o n
Figure 11, “State Transition Diagram,” on page 13 shows the
command overview.
Figure 14, “cool-Log™ Command Overview,” on page 14 shows
the different states and their interactions.
Initializing the Chip
A virgin chip (not initialized) can be initialized either through
the SPI bus or through the electromagnetic field from a reader
in the standby mode. The power source is either from a battery
(VBAT) or extracted from the RF field via the AFE circuit. After
the initializing procedure, the chip will enter the ready mode.
If the External-Sensor flag is set, an external analog output
sensor can be connected to the SEXT pin.
Ready State
In the ready mode, all parameters can be set, read and changed
through a reader with the appropriate passwords.
Active State
In active mode, the real-time clock (RTC) is running, the desired
parameters are set and the on-chip temperature sensor is in
standby.
Logging State
A log flag from the timer will enable the logging mode in which
the sensor and the A/D converter will be activated, and the
measured value will be stored in the EEPROM together with the
time of the event. If the External Sensor flag is set, the external
sensor will also be activated and the measured data stored. The
A/D converter can be multiplexed between internal
temperature sensor, external sensor or battery voltage. After
the event, the chip will return to the active mode.
During the time of the logging procedure, the chip will not be
able to receive any RF command. If an RF command is sent
during this time, the chip will ignore it and will not send any
reply.
Functional Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com