Electronic Components Datasheet Search
  English  ▼

X  

SL13A Datasheet(PDF) 8 Page - ams AG

Part # SL13A
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A Datasheet(HTML) 8 Page - ams AG

Back Button SL13A Datasheet HTML 4Page - ams AG SL13A Datasheet HTML 5Page - ams AG SL13A Datasheet HTML 6Page - ams AG SL13A Datasheet HTML 7Page - ams AG SL13A Datasheet HTML 8Page - ams AG SL13A Datasheet HTML 9Page - ams AG SL13A Datasheet HTML 10Page - ams AG SL13A Datasheet HTML 11Page - ams AG SL13A Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
SL13A – 8
ams Datasheet: 2014-May-06 [v1-01]
De tail ed De sc rip t ion
The SL13A is designed for use in smart active labels (SAL) and
smart passive labels. Smart active labels are defined as thin and
flexible labels that contain an integrated circuit and a power
source. SAL includes in its definition both “fully active” smart
labels, and semi-active smart labels, also known as
battery-assisted back-scattered passive labels, both of which
enable enhanced functionality and superior performance over
existing passive labels. The SL13A can be used in semi-active or
fully-passive smart labels. The IC includes sensor functionality
and logging of sensor data (see Figure 1 below).
The SL13A is operating at 13.56 MHz and is fully ISO 15693
compliant. The chip is supplied from a single-cell battery of
typically 1.5V. The on-chip temperature sensor and real-time
clock (RTC) accommodate temperature data logging.
Supply Arrangement
The SL13A is supplied from either the battery or through the
electromagnetic waves from a reader. The device is normally
supplied from the battery unless the battery voltage is too low
- in this case the device is powered from the RF field. This
functionality enables the read out of the log data even in case
the battery is exhausted.
The chip automatically detects whether a 1.5V or 3V battery is
connected and adapts accordingly. The voltage step-up
converter provides an input voltage for the voltage regulator,
which provides a regulated voltage of 2V nominal (internal
digital supply). The maximum current available from VEXT for
external circuitry is 4mA (only when RF field is present) and is
limited to 3.4V.
Analog Front End (AFE)
The analog front end is designed for 13.56 MHz according to
ISO 15693. The incoming data are demodulated from the
received ASK (Amplitude Shift Keying) signal which is 10 ~ 30%
or 100% modulated. Outgoing data are generated by the SL13A
load variation using Manchester coding with one or two
sub-carrier frequencies of 423.75 KHz (fc/32) or 484.28 KHz
(fc/28). The SL13A is compliant with the ISO 15693
recommendation for radio frequency power and signal
interface.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com