Electronic Components Datasheet Search
  English  ▼

X  

SL13A Datasheet(PDF) 19 Page - ams AG

Part # SL13A
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A Datasheet(HTML) 19 Page - ams AG

Back Button SL13A Datasheet HTML 15Page - ams AG SL13A Datasheet HTML 16Page - ams AG SL13A Datasheet HTML 17Page - ams AG SL13A Datasheet HTML 18Page - ams AG SL13A Datasheet HTML 19Page - ams AG SL13A Datasheet HTML 20Page - ams AG SL13A Datasheet HTML 21Page - ams AG SL13A Datasheet HTML 22Page - ams AG SL13A Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL13A – 19
C o mmands
•Initialize - #25
The INITIALIZE command sets the size of the user data
area and sets the delay time. If the Secure flag is set, the
chip automatically locks all measurement blocks. The
command clears the measurement status and limits
counter blocks.
Security level 1.
• Get temperature - #26
The GET-TEMPERATURE command measures and reads
the current chip temperature. The measured temperature
can be higher than the environment temperature, because
of the chip self-heating through the reader RF field. To ensure
correct measurement, the reader has to send this command
as soon as possible after the RF field is turned on.
Inventory - #01
Request:
Note: The AFI field is not supported by the SL13A.
Reply:
Note: The manufacturers ID is 0x36. The UID consists of 8 bytes: E0 36 XX XX XX XX XX XX.
Stay Quiet - #02
Request:
No Reply.
SOF
FLAGS
8 bits
COMMAND CODE
0x01
MASK LENGTH
8 bits
MASK VALUE
0 - 64 bits
CRC
16 bits
EOF
SOF
FLAGS
8 bits
DSFID
8 bits
UID
64 bits
CRC
16 bits
EOF
SOF
FLAGS
8 bits
COMMAND CODE
0x02
UID
64 bits
CRC
16 bits
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com