Electronic Components Datasheet Search
  English  ▼

X  

SL13A Datasheet(PDF) 38 Page - ams AG

Part # SL13A
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A Datasheet(HTML) 38 Page - ams AG

Back Button SL13A Datasheet HTML 34Page - ams AG SL13A Datasheet HTML 35Page - ams AG SL13A Datasheet HTML 36Page - ams AG SL13A Datasheet HTML 37Page - ams AG SL13A Datasheet HTML 38Page - ams AG SL13A Datasheet HTML 39Page - ams AG SL13A Datasheet HTML 40Page - ams AG SL13A Datasheet HTML 41Page - ams AG SL13A Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
SL13A – 38
ams Datasheet: 2014-May-06 [v1-01]
Appl ic ation s
Typical Application
Figure 28 shows a typical application with a 1.5V battery, an
antenna coil and an optional external sensor module
(semi-passive mode).
Such application is typically used for automatic data logging
from on-chip temperature sensor or an external sensor
connected to SEXT.
The chip can store up to 762 measurement points. The intervals
between measurements as well as the limits are programmable.
It is possible to store all measuring points, or only the
measurements, which are outside predefined limits.
Figure 28:
Typical Application
Applications
VEXT
VBAT
VSS
ANT1
ANT2
DIN
CLK
CE
Battery
1.5V or 3V
Optional
External
Sensor
Antenna
Coil
SEXT
TEST
DOUT
3
16
11
15
14
10
6
5
12
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com