Electronic Components Datasheet Search
  English  ▼

X  

SL13A Datasheet(PDF) 32 Page - ams AG

Part # SL13A
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A Datasheet(HTML) 32 Page - ams AG

Back Button SL13A Datasheet HTML 28Page - ams AG SL13A Datasheet HTML 29Page - ams AG SL13A Datasheet HTML 30Page - ams AG SL13A Datasheet HTML 31Page - ams AG SL13A Datasheet HTML 32Page - ams AG SL13A Datasheet HTML 33Page - ams AG SL13A Datasheet HTML 34Page - ams AG SL13A Datasheet HTML 35Page - ams AG SL13A Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
SL13A – 32
ams Datasheet: 2014-May-06 [v1-01]
C o mmands
Battery Voltage Conversion
The battery voltage conversion is dependent on the initial
battery voltage (1.5V or 3V).
For 1.5V battery, the equation is:
V = code*3.35mV + 860mV
LSB = 3.35mV
Offset = 860mV
For 3V battery:
V = code*6.32mV + 1.62V
LSB = 6.32mV
Offset = 1.62V
SPI Operation
Full and unlimited EEPROM access is possible through the SPI
interface. The primary function of the SPI interface is
production calibration and UID programming, but it can also
be used in application, where the ISO15693 interface cannot be
used.
Data on the D_IN pin is latched in on the falling edge of the
SCLK signal. Data on the D_OUT pin is shifted out on the falling
edge of the SCLK signal. The bytes are sent MSbit first.
The SPI communication is byte-oriented. It is composed of 3
fields of fixed length: Command field (1 byte), Address field (1
byte) and Data field (4 bytes).
The structure of the Command field is defined in the table
below.
Figure 20:
Command Field Structure
Bit Number
Description
b7
EEPROM write
b6
EEPROM read
b5
EEPROM erase
b4
EEPROM write block
b3
EEPROM erase block
b2
Test
b1
RFU
b0
0 - system EEPROM, 1 - user/measurement EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com