Electronic Components Datasheet Search
  English  ▼

X  

SL13A Datasheet(PDF) 1 Page - ams AG

Part # SL13A
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A Datasheet(HTML) 1 Page - ams AG

  SL13A Datasheet HTML 1Page - ams AG SL13A Datasheet HTML 2Page - ams AG SL13A Datasheet HTML 3Page - ams AG SL13A Datasheet HTML 4Page - ams AG SL13A Datasheet HTML 5Page - ams AG SL13A Datasheet HTML 6Page - ams AG SL13A Datasheet HTML 7Page - ams AG SL13A Datasheet HTML 8Page - ams AG SL13A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL13A – 1
SL13A
Smart Sensory Tag Chip For Unique
Identification, Monitoring and Data
Logging
The SL13A is a semi-active tag chip optimized for single-cell,
battery-powered smart labels with sensor functionality. It also
supports fully-passive operation without battery. The chip is
ideal for applications using thin and flexible batteries but can
also be powered from the RF field (electromagnetic waves from
an RFID reader).
The chip has a fully integrated temperature sensor with a
nonlinearity of ±0.5ºC. The external sensor interface (SEXT) is an
analog input and allows the connection of an external sensor.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of SL13A, Smart Sensory Tag Chip For
Unique Identification, Monitoring and Data Logging are listed
below:
Figure 1:
Added Value of using SL13A
Benefits
Features
Versatile data logging with selectable options
Programmable logging modes
High temperature range: -40°C to 110°C
Logging storage capacity up to 762 events with
time stamp
On-chip 8k-bit EEPROM
Real-time clock (RTC)
Supports data logging from various sensors
On-chip temperature sensor
Analog input for resistive external sensor
Flexible supply options
Note: After battery is exhausted, the chip will
continue working in passive mode
(no RTC)
Fully passive mode: no battery
Semi-passive (BAP) mode: 1.5V or 3V battery
Provides supply for external circuitry
Energy harvesting from reader field providing up to 4mA
@3.4V
Long battery life of >1 year (with 25 mAH printed
battery)
Standby current (RTC running): 2 μATYP (@1.5V)
Operating current (logging, 20ms): 150 μATYP (@1.5V)
Works with NFC-enabled phones and HF RFID
readers
ISO 15693 /NFC-V compliant
cool-Log™ supporting logging functions
General Description


Similar Part No. - SL13A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SL13A GOOD-ARK-SL13A Datasheet
196Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SL13A

ManufacturerPart #DatasheetDescription
logo
ams AG
SL900A AMSCO-SL900A Datasheet
856Kb / 90P
EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
logo
STMicroelectronics
STEVAL-MKI031V1 STMICROELECTRONICS-STEVAL-MKI031V1 Datasheet
142Kb / 9P
MicroSD socket for data logging applications
16-Sep-2010
logo
PHOENIX CONTACT
2403951 PHOENIX-2403951 Datasheet
56Kb / 2P
Data logging, trend display, and recipe management
2701084 PHOENIX-2701084 Datasheet
56Kb / 2P
Data logging, trend display, and recipe management
2988405 PHOENIX-2988405 Datasheet
57Kb / 2P
Data logging, trend display, and recipe management
logo
Balluff Korea Ltd.
BIS01E2 BALLUFF-BIS01E2 Datasheet
124Kb / 2P
Smart Automation and Monitoring System
BIS01E5 BALLUFF-BIS01E5 Datasheet
118Kb / 2P
Smart Automation and Monitoring System
BIS01E6 BALLUFF-BIS01E6 Datasheet
119Kb / 2P
Smart Automation and Monitoring System
BIS01E7 BALLUFF-BIS01E7 Datasheet
120Kb / 2P
Smart Automation and Monitoring System
logo
ams AG
SL900A AMSCO-SL900A_V01 Datasheet
1Mb / 103P
EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
2018-Oct-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com