Electronic Components Datasheet Search
  English  ▼

X  

SL13A Datasheet(PDF) 6 Page - ams AG

Part # SL13A
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A Datasheet(HTML) 6 Page - ams AG

Back Button SL13A Datasheet HTML 2Page - ams AG SL13A Datasheet HTML 3Page - ams AG SL13A Datasheet HTML 4Page - ams AG SL13A Datasheet HTML 5Page - ams AG SL13A Datasheet HTML 6Page - ams AG SL13A Datasheet HTML 7Page - ams AG SL13A Datasheet HTML 8Page - ams AG SL13A Datasheet HTML 9Page - ams AG SL13A Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
SL13A – 6
ams Datasheet: 2014-May-06 [v1-01]
E l ec t r i c al C h a r ac teri sti c s
TA = 0°C to +85°C, VBAT = 1.5V, EN = VBAT, RLOAD = ∞, unless
otherwise noted. Typical values are at TA = 35°C.
(2)
Figure 8:
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBAT
Operating Input Voltage
TA = 35°C
1.2
3.3
V
VBAT(SU)
Minimum Start-Up Input
Voltage
TA = 35°C
1.3
V
IBAT-OP
Operating Current into VBAT
Sensor and A/D
converter active
100
150
300
μA
IBAT-SD
Shutdown Current into VBAT
VBAT = 1.5V;
TA = 35°C
100
500
nA
VEXT
Output Voltage
see note (1)
3.2
3.4
3.5
V
IEXT
Maximum Current, External
When RF field is
present, from the
VEXT pin
4mA
VIL
Input Voltage Threshold,
Low
CE, SCLK, SDATA
Vss-0.3
Vss+0.3
V
VIH
Input Voltage Threshold,
High
CE, SCLK, SDATA
VBAT – 0.3
VBAT + 0.3
V
VOL
Output Voltage level, Low
DIGI_OUT
Vss-0.3
Vss+0.3
V
VOH
Output Voltage level, High
DIGI_OUT
VBAT – 0.3
VBAT + 0.3
V
VS-EXT
Sensor Input Voltage Range
SEXT
0.3
0.6
V
fc
Carrier Frequency
13.553
13.56
13.567
MHz
TS-R
Temperature Sensor Range
-20
60
ºC
TE-R
Extended temperature
sensor range
-40
74
ºC
TS-O
Temperature Sensor Offset
at 35°C
One-point
calibration at 35°C (3)
-0.6
+0.6
ºC
TS-GN
Temperature Sensor Gain
and nonlinearity error
±0.5
ºC
tRTC-I
Real-Time Clock, Interval
Programmable
1
32,768
Sec
tRTC-AT
Real-Time Clock, Accuracy
at 35°C
see note (4)
-0.5
+0.5
%
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com