Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 8 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 8 Page - ams AG

Back Button SL900A Datasheet HTML 4Page - ams AG SL900A Datasheet HTML 5Page - ams AG SL900A Datasheet HTML 6Page - ams AG SL900A Datasheet HTML 7Page - ams AG SL900A Datasheet HTML 8Page - ams AG SL900A Datasheet HTML 9Page - ams AG SL900A Datasheet HTML 10Page - ams AG SL900A Datasheet HTML 11Page - ams AG SL900A Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
SL900A – 8
ams Datasheet: 2014-May-06 [v1-01]
E l ec t r i c al C h a r ac teri sti c s
VOL
Voltage Output Threshold, Low
DOUT pin
VBAT = 1.5V, IDOUT =
1mA
VSS
450m
V
VBAT = 3V, IDOUT =
1mA
VSS
300m
V
VOH
Voltage Output Threshold, High
DOUT pin
VBAT = 1.5V, IDOUT =
-1mA
1
VBAT
V
VBAT = 3V, IDOUT =
-1mA
2.7
VBAT
V
fSCLK
SCLK serial data clock
VBAT = 1.5V
1MHz
VBAT = 3V
5MHz
fc
Carrier Frequency
860
960
MHz
TS-R
Temperature Sensor Range
-20
60
ºC
TS-R EXT
Extended temperature sensor
range with reduced accuracy
-40
+125
ºC
TS-NL
Temperature sensor nonlinearity
Inside TS-R
±0.5
TS-A
Temperature Sensor Accuracy
Inside TS-R
±1
ºC
tsens
Measurement interval
Programmable
1
32,768
Sec
tRTC-I
Real-Time Clock, Interval
1
Sec
tRTC-A
Real-Time Clock, Accuracy
Over specified TS-R
temperature range
-3
+3
%
tRTC-CA
Real-Time Clock, Calibration
Accuracy
TA = 35°C
-0.2
+0.2
%
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com