Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 53 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 53 Page - ams AG

Back Button SL900A Datasheet HTML 49Page - ams AG SL900A Datasheet HTML 50Page - ams AG SL900A Datasheet HTML 51Page - ams AG SL900A Datasheet HTML 52Page - ams AG SL900A Datasheet HTML 53Page - ams AG SL900A Datasheet HTML 54Page - ams AG SL900A Datasheet HTML 55Page - ams AG SL900A Datasheet HTML 56Page - ams AG SL900A Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL900A – 53
Ex t e rnal Sensor Fr ont - End (SFE)
The SL900A device can process the internal temperature sensor,
the battery voltage and up to 2 external sensors. The result of
the A/D conversion can be logged to the EEPROM or sent
directly back to the interrogator (if the GET SENSOR VALUE
command is used). The external sensors and the integrated
temperature sensor can only be processed in serial manner. This
is done through a multiplex amplifier, as the SL900A device has
only one A/D converter integrated.
Figure 43:
External Sensor Front End
SFE Interface
The external sensor interface consists of 4 pads:
• EXT1 – connection for external sensor 1 that can be a
linear-resistive sensor, a DC voltage source (sensor with
external analog processing), capacitive and resistive
sensors with AC driving,
• EXT2 – connection for external sensor 2 that can be a
linear-conductive sensor, a reverse-polarized diode, DC
voltage source with serial resistance or a DC current
source to VSS,
• EXC – supply voltage for the external sensors or a AC signal
source for external sensors that do not allow a DC voltage.
•VREF – reference voltage (Vo2) pin used for capacitive and
resistive sensors with AC excitation.
External Sensor Front-End (SFE)
EXC
EXT1
VREF
V-AGC
I-AGC
Programmable Current
Sources
EXT2
SFE CONTROLS
IRQ
MEMORY
TIMING,
REFERENCE
Pre-
drive
current
REFERENCES
1
2
3
45
6
7
8
9
10
ARC
ext_sw
Vbat
S/H
11
shelf_life
Vbat
IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com